Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD698AP Datasheet(PDF) 2 Page - Analog Devices

Part # AD698AP
Description  Universal LVDT Signal Conditioner
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD698AP Datasheet(HTML) 2 Page - Analog Devices

  AD698AP Datasheet HTML 1Page - Analog Devices AD698AP Datasheet HTML 2Page - Analog Devices AD698AP Datasheet HTML 3Page - Analog Devices AD698AP Datasheet HTML 4Page - Analog Devices AD698AP Datasheet HTML 5Page - Analog Devices AD698AP Datasheet HTML 6Page - Analog Devices AD698AP Datasheet HTML 7Page - Analog Devices AD698AP Datasheet HTML 8Page - Analog Devices AD698AP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD698–SPECIFICATIONS
REV. B
–2–
(@ TA = +25 C, VCM = 0 V, and V+, V– =
15 V dc, unless otherwise noted)
AD698SQ
AD698AP
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
TRANSFER FUNCTION
1
VOUT = A
B
× 500 µA × R2
V
OVERALL ERROR TMIN to TMAX
0.4
1.65
0.4
1.65
% of FS
SIGNAL OUTPUT CHARACTERISTICS
Output Voltage Range
11
11
V
Output Current, TMIN to TMAX
11
11
mA
Short Circuit Current
20
20
mA
Nonlinearity
2 T
MIN to TMAX
75
500
75
500
ppm of FS
Gain Error
3
0.1
1.0
0.1
1.0
% of FS
Gain Drift
20
100
20
100
ppm/
°C of FS
Output Offset
0.02
1
0.02
1
% of FS
Offset Drift
5
25
5
25
ppm/
°C of FS
Excitation Voltage Rejection
4
100
100
ppm/dB
Power Supply Rejection (
±12 V to ±18 V)
PSRR Gain
50
300
50
300
ppm/V
PSRR Offset
15
100
15
100
ppm/V
Common-Mode Rejection (
±3 V)
CMRR Gain
25
100
25
100
ppm/V
CMRR Offset
2
100
2
100
ppm/V
Output Ripple
5
4
4
mV rms
EXCITATION OUTPUT CHARACTERISTICS (@ 2.5 kHz)
Excitation Voltage Range
2.1
24
2.1
24
V rms
Excitation Voltage (Resistors Are 1% Absolute Values)
(R1 = Open)
6
1.2
2.15
1.2
2.15
V rms
(R1 = 12.7 k
Ω)
2.6
4.35
2.6
4.35
V rms
(R1 = 487
Ω)
14
21.2
14
21.2
V rms
Excitation Voltage TC
7
100
100
ppm/
°C
Output Current
30
50
30
50
mA rms
TMIN to TMAX
40
40
mA rms
Short Circuit Current
60
60
mA
DC Offset Voltage (Differential, R1 = 12.7 k
Ω)
TMIN to TMAX
30
100
30
100
mV
Frequency
20
20 k
20
20 k
Hz
Frequency TC
200
200
ppm/
°C
Total Harmonic Distortion
–50
–50
dB
SIGNAL INPUT CHARACTERISTICS
A/B Ratio Usable Full-Scale Range
0.1
0.9
0.l
0.9
Signal Voltage B Channel
0.1
3.5
0.1
3.5
V rms
Signal Voltage A Channel
0.0
3.5
0.0
3.5
V rms
Input Impedance
200
200
k
Input Bias Current (BIN, AIN)
1
5
1
5
µA
Signal Reference Bias Current
2
10
2
10
µA
Excitation Frequency
0
20 k
0
20 k
Hz
POWER SUPPLY REQUIREMENTS
Operating Range
13
36
13
36
V
Dual Supply Operation (
±10 V Output)
±13
±13
V
Single Supply Operation
0 V to +10 V Output
17.5
17.5
V
0 V to 10 V Output
17.5
17.5
V
Current (No Load at Signal and Excitation Outputs)
12
15
12
15
mA
TMIN to TMAX
18
18
mA
OPERATING TEMPERATURE RANGE
–55
+125
–40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com