Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7002AS Datasheet(PDF) 16 Page - Analog Devices

Part # AD7002AS
Description  LC2MOS GSM Baseband I/O Port
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7002AS Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7002AS Datasheet HTML 8Page - Analog Devices AD7002AS Datasheet HTML 9Page - Analog Devices AD7002AS Datasheet HTML 10Page - Analog Devices AD7002AS Datasheet HTML 11Page - Analog Devices AD7002AS Datasheet HTML 12Page - Analog Devices AD7002AS Datasheet HTML 13Page - Analog Devices AD7002AS Datasheet HTML 14Page - Analog Devices AD7002AS Datasheet HTML 15Page - Analog Devices AD7002AS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD7002
–16–
REV. B
PQFP Pin
Number
Mnemonic
Function
19
I/
Q (QDATA)
This is a dual function digital output. When the device is operating in MODE 0, it indicates
whether IDATA or QDATA is present on Rx DATA pin. In MODE 1, QDATA is available at
this pin.
20
Rx SYNC
Synchronization output for framing I and Q data at the receive interface.
21
Rx CLK
Output clock for the receive section interface.
22
THREE-STATE
This digital input controls the output three-state drivers on the receive section interface. When
CONTROL
it is High, the outputs are enabled. When Low, they are in high impedance.
23
CAL
Calibration control pin for digital filter section. When brought high, for a minimum of 608 master
clock cycles, the receive section enters a calibration cycle. Where I and Q offset registers are up-
dated, when the CAL pin is brought low again, with offset values which are subtracted out from
subsequent ADC conversions. CAL should remain Low during normal operation.
29
MZERO
Digital control input. When high the analog modulator input is internally grounded (i.e., tied to
VREF). MZERO, in conjunction with CAL, allows on-chip offsets to be calibrated out. Low for
normal operation.
27, 24
Rx SLEEP1,
Power-down control inputs for receive section. When high, the receive section goes into
Rx SLEEP2
standby mode and draws minimal current. Rx SLEEP1 and Rx SLEEP2 must be externally
hardwired together for normal device operation.
AUXILIARY INTERFACE AND CONTROL
32
AUX LATCH
Synchronization input for the auxiliary DACs’ shift register and AUX OUT.
31
AUX CLK
Clock input for the auxiliary DACs’ 16-bit shift register. AUX DATA is latched on the falling
edge of AUX CLK while AUX LATCH is low.
30
AUX DATA
Data input for the AUX DACs and the AUX FLAG serial interface.
33
AUX FLAG
Digital output flag, this can be used as a digital control output and is controlled from the auxiliary
serial interface.
TEST
8, 26
Test l, Test 2
Test pins for factory use only. These pins should be left unconnected and not used as routes for
other circuit signals.
14, 43
Test 3, Test 4
Test pins. These must be tied to ground for normal device operation.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Plastic Quad Flatpack Package
(S-44)
1
44
34
33
23
22
12
11
TOP VIEW
PIN 1
0.016 (0.41)
0.012 (0.30)
0.033 (0.84)
0.029 (0.74)
0.096 (2.44)
MAX
0.037 (0.94)
0.025 (0.64)
0.398 (10.11)
0.390 (9.91)
0.083 (2.11)
0.077 (1.96)
0.040 (1.02)
0.032 (0.81)
0.040 (1.02)
0.032 (0.81)
0.398 (10.11)
0.390 (9.91)
0.548 (13.925)
0.546 (13.875)
8
°
0.8
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com