Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7008 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7008
Description  CMOS DDS Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7008 Datasheet(HTML) 2 Page - Analog Devices

  AD7008 Datasheet HTML 1Page - Analog Devices AD7008 Datasheet HTML 2Page - Analog Devices AD7008 Datasheet HTML 3Page - Analog Devices AD7008 Datasheet HTML 4Page - Analog Devices AD7008 Datasheet HTML 5Page - Analog Devices AD7008 Datasheet HTML 6Page - Analog Devices AD7008 Datasheet HTML 7Page - Analog Devices AD7008 Datasheet HTML 8Page - Analog Devices AD7008 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD7008–SPECIFICATIONS1
AD7008AP20
AD7008JP50
Test Conditions/
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Comments
SIGNAL DAC SPECIFICATIONS
Resolution
10
10
Bits
Update Rate (fMAX)
20
50
MSPS
IOUT Full Scale
20
20
mA
Output Compliance
1
1
Volts
DC Accuracy
Integral Nonlinearity
+1
+1
LSB
Differential Nonlinearity
±1
±1
LSB
DDS SPECIFICATIONS
2
Update Rate (fMAX)
20
50
MSPS
Dynamic Specifications
Signal-to-Noise
50
50
dB
fCLK = fMAX,
fOUT = 2 MHz
Total Harmonic Distortion
–55
–53
dB
fCLK = fMAX,
fOUT = 2 MHz
Spurious Free Dynamic Range (SFDR)
3
Narrow Band (
±50 kHz)
–70
–70
dBc
fCLK = 6.25 MHz,
fOUT = 2.11 MHz
Wide Band (
±2 MHz)
–55
–55
dBc
VOLTAGE REFERENCE
Internal Reference @ +25
°C4
1.2
1.27
1.35
1.2
1.27
1.35
Volts
Reference TC
300
300
ppm/
°C
VREF Overdrive
5
02
0
2
V
LOGIC INPUTS
VINH, Input High Voltage
VDD–0.9
VDD–0.9
Volts
VINL, Input Low Voltage
0.9
0.9
Volts
IINH, Input Current
10
10
µA
CIN, Input Capacitance
10
10
pF
POWER SUPPLIES
VDD
4.75
5.25
4.75
5.25
Volts
IAA
26
26
mA
RSET = 390
Ω
IDD
22 + 1.5/MHz
22 + 1.5/MHz
mA
IAA + IDD
fCLK = Max
80
110
125
160
mA
Sleep = VDD
10
20
mA
NOTES
1Operating temperature ranges as follows: A Version: –40
°C to +85°C; J Version: 0°C to +70°C.
2All dynamic specifications are measured using IOUT. 100% Production tested.
3f
CLK = 6.25 MHz, Frequency Word = 5671C71C HEX, f OUT = 2.11 MHz.
4V
REF may be externally driven between 0 and V DD.
5Do not allow reference current to cause power dissipation beyond the limit of I
AA + IDD shown above.
Specifications subject to change without notice.
REV. B
–2–
(VAA = VDD = +5 V
± 5%; T
A = TMIN to TMAX, RSET = 390
Ω, R
LOAD = 1
Ω for
IOUT and IOUT, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com