Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD679TJ Datasheet(PDF) 10 Page - Analog Devices

Part # AD679TJ
Description  14-Bit 128 kSPS Complete Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD679TJ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD679TJ Datasheet HTML 4Page - Analog Devices AD679TJ Datasheet HTML 5Page - Analog Devices AD679TJ Datasheet HTML 6Page - Analog Devices AD679TJ Datasheet HTML 7Page - Analog Devices AD679TJ Datasheet HTML 8Page - Analog Devices AD679TJ Datasheet HTML 9Page - Analog Devices AD679TJ Datasheet HTML 10Page - Analog Devices AD679TJ Datasheet HTML 11Page - Analog Devices AD679TJ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD679
REV. C
–10–
and digital ground planes are also desirable, with a single inter-
connection point to minimize ground loops. Analog signals
should be routed as far as possible from digital signals and
should cross them at right angles.
The AD679 incorporates several features to help the user’s lay-
out. Analog pins (VEE, AIN, AGND, REFOUT, REFIN, BIPOFF,
VCC) are adjacent to help isolate analog from digital signals. In
addition, the 10 M
Ω input impedance of AIN minimizes input
trace impedance errors. Finally, ground currents have been
minimized by careful circuit architecture. Current through
AGND is 200
µA, with no code dependent variation. The cur-
rent through DGND is dominated by the return current for
DB7–DB0 and EOC.
SUPPLY DECOUPLING
The AD679 power supplies should be well filtered, well regu-
lated, and free from high frequency noise. Switching power sup-
plies are not recommended due to their tendency to generate
spikes which can induce noise in the analog system.
Decoupling capacitors should be used in very close layout prox-
imity between all power supply pins and analog ground. A 10
µF
tantalum capacitor in parallel with a 0.1
µF ceramic capacitor
provides adequate decoupling.
An effort should be made to minimize the trace length between
the capacitor leads and the respective converter power supply
and common pins. The circuit layout should attempt to locate
the AD679, associated analog input circuitry and interconnec-
tions as far as possible from logic circuitry. A solid analog
ground plane around the AD679 will isolate large switching
ground currents. For these reasons, the use of wire wrap circuit
construction is not recommended; careful printed circuit con-
struction is preferred.
GROUNDING
If a single AD679 is used with separate analog and digital
ground planes, connect the analog ground plane to AGND and
the digital ground plane to DGND keeping lead lengths as short
as possible. Then connect AGND and DGND together at the
AD679. If multiple AD679s are used or the AD679 shares ana-
log supplies with other components, connect the analog and
digital returns together once at the power supplies rather than at
each chip. This prevents large ground loops which inductively
couple noise and allow digital currents to flow through the ana-
log system.
USE OF EXTERNAL VOLTAGE REFERENCE
The AD679 features an on-chip voltage reference. For improved
gain accuracy over temperature, a high performance external
voltage reference may be used in place of the on-chip reference.
The AD586 and AD588 are popular references appropriate for
use with high resolution converters. The AD586 is a low cost
reference which utilizes a buried Zener architecture to provide
low noise and drift. The AD588 is a higher performance refer-
ence which uses a proprietary implanted buried Zener diode in
conjunction with laser-trimmed thin-film resistors for low offset
and low drift.
Figure 7 shows the use of the AD586 with the AD679 in a bipo-
lar input mode. Over the 0
°C to +70°C range, the AD586
L-grade exhibits less than a 2.25 mV output change from its ini-
tial value at 25
°C. REF
IN (Pin 9) scales its input by a factor of
two; thus, this change becomes effectively 4.5 mV. When ap-
plied to the AD679, this results in a total gain drift of 0.09%
FSR, which is an improvement over the on-chip reference per-
formance of 0.11% FSR. A noise-reduction capacitor, CN, has
been shown.
This capacitor reduces the broadband noise of the AD586 out-
put, thereby optimizing the overall ac and dc performance of the
AD679.
Figure 7. Bipolar Input with Gain and Offset Trims
Figure 8 shows the AD679 in unipolar input mode with the
AD588 reference. The AD588 output is accurate to 0.65 mV
from its value at 25
°C over the 0°C to 70°C range. This results
in a 0.06% FSR total gain drift for the AD679, which is a sub-
stantial improvement over the on-chip reference performance of
0.11% FSR. A noise-reduction network on Pins 4, 6 and 7 has
been shown. The 1
µF capacitors form low pass filters with the
internal resistance of the AD588 Zener and amplifier cells and
external resistance. This reduces the high frequency (to 1 MHz)
noise of the AD588, providing optimum ac and dc performance
of the AD679.
Figure 8. Unipolar Input with Gain and Offset Trims
INTERFACING THE AD679 TO MICROPROCESSORS
The I/O capabilities of the AD679 allow direct interfacing to
general purpose and DSP microprocessor buses. The asynchro-
nous conversion control feature allows complete flexibility and
control with minimal external hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com