Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD705AQ Datasheet(PDF) 1 Page - Analog Devices

Part # AD705AQ
Description  Picoampere Input Current Bipolar Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD705AQ Datasheet(HTML) 1 Page - Analog Devices

  AD705AQ Datasheet HTML 1Page - Analog Devices AD705AQ Datasheet HTML 2Page - Analog Devices AD705AQ Datasheet HTML 3Page - Analog Devices AD705AQ Datasheet HTML 4Page - Analog Devices AD705AQ Datasheet HTML 5Page - Analog Devices AD705AQ Datasheet HTML 6Page - Analog Devices AD705AQ Datasheet HTML 7Page - Analog Devices AD705AQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Picoampere Input Current
Bipolar Op Amp
AD705
FEATURES
DC PERFORMANCE
25
V max Offset Voltage (AD705T)
0.6
V/ C max Drift (AD705K/T)
100 pA max Input Bias Current (AD705K)
600 pA max IB Over MIL Temperature Range (AD705T)
114 dB min CMRR (AD705K/T)
114 dB min PSRR (AD705T)
200 V/mV min Open Loop Gain
0.5
V p-p typ Noise, 0.1 Hz to 10 Hz
600
A max Supply Current
AC PERFORMANCE
0.15 V/
µs Slew Rate
800 kHz Unity Gain Crossover Frequency
10,000 pF Capacitive Load Drive Capability
Low Cost
Available in 8-Pin Plastic Mini-DlP, Hermetic Cerdip
and Surface Mount (SOIC) Packages
MIL-STD-883B Processing Available
Dual Version Available: AD706
Quad Version: AD704
APPLICATIONS
Low Frequency Active Filters
Precision Instrumentation
Precision Integrators
CONNECTION DIAGRAM
Plastic Mini-DIP (N)
Cerdip (Q) and
Plastic SOIC (R) Packages
PRODUCT DESCRIPTION
The AD705 is a low power bipolar op amp that has the low in-
put bias current of a BiFET amplifier but which offers a signifi-
cantly lower IB drift over temperature. The AD705 offers many
of the advantages of BiFET and bipolar op amps without their
inherent disadvantages. It utilizes superbeta bipolar input tran-
sistors to achieve the picoampere input bias current levels of
FET input amplifiers (at room temperature), while its IB typi-
cally only increases 5 times vs. BiFET amplifiers which exhibit a
1000X increase over temperature. This means that, at room
temperature, while a typical BiFET may have less IB than the
AD705, the BiFET’s input current will increase to a level of
several nA at +125
°C. Superbeta bipolar technology also per-
mits the AD705 to achieve the microvolt offset voltage and low
noise characteristics of a precision bipolar input amplifier.
The AD705 is a high quality replacement for the industry-
standard OP07 amplifier while drawing only one sixth of its
power supply current. Since it has only 1/20th the input bias
current of an OP07, the AD705 can be used with much higher
source impedances, while providing the same level of dc preci-
sion. In addition, since the input bias currents are at picoAmp
levels, the commonly used “balancing” resistor (connected be-
tween the noninverting input of a bipolar op amp and ground) is
not required.
The AD705 is an excellent choice for use in low frequency ac-
tive filters in 12- and 14-bit data acquisition systems, in preci-
sion instrumentation and as a high quality integrator.
The AD705 is internally compensated for unity gain and is
available in five performance grades. The AD705J and AD705K
are rated over the commercial temperature range of 0
°C to
+70
°C. The AD705A and AD705B are rated over the industrial
temperature range of –40
°C to +85°C. The AD705T is rated
over the military temperature range of –55
°C to +125°C and is
available processed to MIL-STD-883B, Rev. C.
The AD705 is offered in three varieties of 8-pin package: plastic
DIP, hermetic cerdip and surface mount (SOIC). “J” grade
chips are also available.
PRODUCT HIGHLIGHTS
1. The AD705 is a low drift op amp that offers BiFET level
input bias currents, yet has the low IB drift of a bipolar ampli-
fier. It upgrades the performance of circuits using op amps
such as the LT1012.
2. The combination of Analog Devices’ advanced superbeta
processing technology and factory trimming provides both
low drift and high dc precision.
3. The AD705 can be used in applications where a chopper am-
plifier would normally be required but without the chopper’s
inherent noise and other problems.
OFFSET
NULL
–IN
+IN
V–
OFFSET
NULL
V+
OUTPUT
OVER
COMP
1
2
3
4
8
7
6
5
TOP VIEW
AD705


Similar Part No. - AD705AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD705 AD-AD705 Datasheet
559Kb / 3P
PICOAMPERE INPUT CURRENT BIPOLAR OP AMP
REV. A
logo
List of Unclassifed Man...
AD705-00 ETC2-AD705-00 Datasheet
159Kb / 12P
Package Drawings and Specifications
logo
Analog Devices
AD705 AD-AD705_15 Datasheet
559Kb / 3P
PICOAMPERE INPUT CURRENT BIPOLAR OP AMP
REV. A
More results

Similar Description - AD705AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD704 AD-AD704 Datasheet
397Kb / 8P
Quad Picoampere Input Current Bipolar Op Amp
REV.A
AD706 AD-AD706 Datasheet
246Kb / 8P
Dual Picoampere Input Current Bipolar Op Amp
REV.C
AD704 AD-AD704_02 Datasheet
225Kb / 12P
Quad Picoampere Input Current Bipolar Op Amp
REV. C
AD706JRZ-REEL7 AD-AD706JRZ-REEL7 Datasheet
230Kb / 12P
Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD704AR-16 AD-AD704AR-16 Datasheet
267Kb / 16P
Picoampere Input Current Quad Bipolar Op Amp
Rev. E
AD706ARZ AD-AD706ARZ Datasheet
191Kb / 12P
Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706ARZ AD-AD706ARZ Datasheet
182Kb / 12P
Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ AD-AD706JRZ Datasheet
230Kb / 12P
Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD705 AD-AD705_15 Datasheet
559Kb / 3P
PICOAMPERE INPUT CURRENT BIPOLAR OP AMP
REV. A
AD704 AD-AD704_15 Datasheet
267Kb / 16P
Picoampere Input Current Quad Bipolar Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com