Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOD5272 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MOD5272
Description  Use as a high-performance single board computer or add Ethernet connectivity to a new or existing design
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MOD5272 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  MOD5272 Datasheet HTML 1Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 2Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 3Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 4Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 5Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 6Page - List of Unclassifed Manufacturers MOD5272 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Updated: July 17, 2012 | Page 7 of 7
© 2012 NetBurner Inc. All Rights Reserved.
MOD5272
J2 Connector (continued)
Pin
CPU
Pin
Function 1
Function 2
General Purpose
I/O
Description
Max
Voltage
26
P1
SPI_CS3
T3OUT
PA7
SPI Chip Select 3 or Timer Output 3
3.3VDC
27
P4
SPI_DIN
SPI Data In
3.3VDC
28
N4
SPI_DOUT
WSEL
SPI Data Out or Bus Width Selection
3.3VDC
29
H2
UART0_CTS
PB2
UART 2 Clear To Send1
3.3VDC
30
M5
SPI_CS0
BUSW0
SPI Chip Select 0 or Bus Width Bit 0
3.3VDC
31
L6 ,
G3
T0IN
UART0_CLK
PB4
Timer Input 0 or UART 0 Clock3
3.3VDC
32
N5
PWM0
PWM 0 Output Signal/Input Capture
3.3VDC
33
E2
USB_TXEN
PA5
USB Transmit Enable
3.3VDC
34
P5
PWM1
TOUT1
PWM 1 Output Signal/Input Capture or Timer Output 1
3.3VDC
35
K2
SPI_CS2
UART1_CTS
SPI Chip Select 2 or UART 1 Clear To Send1
3.3VDC
36
M6
T0OUT
PB7
Timer Output 0
3.3VDC
37
K6
PWM2
T1IN
PWM 2 Output Signal/Input Capture or Timer Input 1
3.3VDC
38
H3
UART0_RTS
PB3
UART 0 Request To Send1
3.3VDC
39
D2
USB_TP
PA0
USB Transmit Serial Data
3.3VDC
40
L1
SPI_CS1
PA11
SPI Chip Select 1
3.3VDC
41
F2
USB_D-
USB Line Driver Low
3.3VDC
42
D1
USB_RP
PA1
USB Receive Serial Data
3.3VDC
43
M4
IRQ1
USB_WOR
External Interrupt 11
3.3VDC
44
F1
USB_D+
USB Line Driver High
3.3VDC
45
N3
IRQ3
External Interrupt 31
3.3VDC
46
GND
Ground
-
47
K3
IRQ5
UART1_RTS
External Interrupt 51 or UART 1 Request To Send1
3.3VDC
48
M3
IRQ6
PA15
External Interrupt 61
3.3VDC
49
GND
Ground
-
50
VCC3V
Input Power 3.3 VDC
3.3VDC
Note:
1.
Active low signals, such as RESET, are indicated with an overbar.
2.
The TIP signal is the logical AND of CS1, CS2 and CS3. TIP can be used to control an external data bus buffer for the data bus signals.
An example circuit design can be found on the Module Development Board schematic. An external data bus buffer is recommended for
any designs that use data bus signals D16 - D31.
3.
J2-31 represents TIN0 and PB4/UART0 external baud rate clock. These two signals are tied together on the module PCB.
4.
The ColdFire 5272 processor supports USB device mode only. A 48Mhz oscillator must be installed in locaton U8 of the Mod5272.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com