Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHSC-1602AS Datasheet(PDF) 1 Page - Allied Components International

Part # AHSC-1602AS
Description  10/100 Base T Single Port Low Profile
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AHSC-1602AS Datasheet(HTML) 1 Page - Allied Components International

  AHSC-1602AS Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
11/11/11
SCHEMATICS
ALLIED
DATECODE
AHSC-1602AS
All specifications subject to change without notice.
MECHANICAL
10/100 Base T Single Port Low Profile
AHSC-1602AS
DCR: PIN 9-10, PIN 15-16 1.0
Max, PIN 1-2, PIN 7-8 1.4
Max
Cw/w: 15PF TYP @100KHz, 200mV
LL: 0.3uH Max @100KHz, 200mV
Polarity:1-16, 7-10, In-Phase
Low Profile
Operating Temp: 0ºC to +70ºC
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100kHz, 200mV
Turns Ratio
chip: cable
(±3%)
Insertion Loss
(dB Max)
Return Loss
(dB Min)
With 8mA DC Bias
1-100MHz
30MHz
AHSC-1602AS
350
1CT:1CT
-1.1
-16
80MHz
-10
60MHz
-12
Part
Number
AHSC-1602AS
10.67
1.27
6.86
0.64
8.89
1.27
0.46
7.12
9.60
12.70
2.27 max
0.64
8.89
Dimensions: mm
Unless otherwise specified, all tolerances are±0.25
Electrical Specifications @ 25°C
Cross Talk
(dB Min)
HI-POT
(Vrms)
-30
1500
Common Mode Rejection
(dB Min)
1-100MHz
-30
1-100MHz
Isolation
Ω
Ω
10.67
1.27
6.86
0.64
8.89
1.27
0.46
7.12
9.60
12.70
2.27 max
0.64
8.89
Dimensions: mm
Unless otherwise specified, all tolerances are±0.25
TD+
7
1CT:1CT
1CT:1CT
TD-
8
TDCT 6
RD-
2
RDCT 3
+
X
R
6
1
1
+
D
R
14 RXCT
15
RX-
10
TX+
9
TX-
11
TXCT


Similar Part No. - AHSC-1602AS

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AHSC-1602BS ALLIED-AHSC-1602BS Datasheet
288Kb / 1P
10/100 Base T Single Port Low Profile
AHSC-1602DS ALLIED-AHSC-1602DS Datasheet
301Kb / 1P
10/100 Base T Single Port Transformer
AHSC-1602S ALLIED-AHSC-1602S Datasheet
312Kb / 1P
10/100 Base T Single Port Transformer
More results

Similar Description - AHSC-1602AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS2211 ETC1-HS2211 Datasheet
259Kb / 1P
10/100 BASE-T SINGLE PORT
logo
MPS Industries, Inc.
N31100S MPSIND-N31100S Datasheet
156Kb / 1P
10/100 BASE-T SINGLE PORT
logo
Allied Components Inter...
AH1601CS ALLIED-AH1601CS Datasheet
315Kb / 1P
10/100 Base T Single Port Transformer
AHSC-1601S ALLIED-AHSC-1601S Datasheet
303Kb / 1P
10/100 Base T Single Port Low Profile
AHSC-1602BS ALLIED-AHSC-1602BS Datasheet
288Kb / 1P
10/100 Base T Single Port Low Profile
AHSC-1605S ALLIED-AHSC-1605S Datasheet
293Kb / 1P
10/100 Base T Single Port Transformer
AHTA-1603S ALLIED-AHTA-1603S Datasheet
284Kb / 1P
10/100 Base T Single Port Transformer
logo
MPS Industries, Inc.
N31XXXS MPSIND-N31XXXS Datasheet
156Kb / 1P
10/100 BASE-T SINGLE PORT
logo
Allied Components Inter...
AR11-3876 ALLIED-AR11-3876 Datasheet
410Kb / 2P
SINGLE PORT RJ45 10/100 BASE-T
logo
API Technologies Corp
6683-6686 APITECH-6683-6686 Datasheet
387Kb / 1P
10/100 Base-T Single Port
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com