Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD705JN Datasheet(PDF) 6 Page - Analog Devices

Part # AD705JN
Description  Picoampere Input Current Bipolar Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD705JN Datasheet(HTML) 6 Page - Analog Devices

  AD705JN Datasheet HTML 1Page - Analog Devices AD705JN Datasheet HTML 2Page - Analog Devices AD705JN Datasheet HTML 3Page - Analog Devices AD705JN Datasheet HTML 4Page - Analog Devices AD705JN Datasheet HTML 5Page - Analog Devices AD705JN Datasheet HTML 6Page - Analog Devices AD705JN Datasheet HTML 7Page - Analog Devices AD705JN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD705
REV. B
–6–
0.01
0.1
1
1
10
100
1000
10,000
VALUE OF OVERCOMPENSATION CAPACITOR – pF
0.001
1k
10k
100k
1M
GAIN BANDWIDTH
SLEW RATE
ADDING AN EXTERNAL
CAPACITOR BETWEEN
PIN 5 AND GROUND
INCREASES THE AMPLIFIER'S
COMPENSATION
Figure 19. Slew Rate & Gain
Bandwidth Product vs. Value of
Overcompensation Capacitor
100
90
10
0%
20µs
2V
Figure 21b. Unity Gain Follower
Large Signal Pulse Response
RF = 10 kΩ, CL = 50 pF
6
4
0.1µF
–VS
7
0.1µF
+VS
2
3
AD705
RL
2.5k
Ω
CL
VOUT
VIN
SQUARE WAVE
INPUT
10k
Ω
10k
Ω
Figure 22a. Unity Gain Inverter
1
10
100
1k
10k
100k
0.001
0.01
0.1
1
10
100
1000
FREQUENCY – Hz
IOUT = +1mA
AV = +1
AV = –1000
Figure 20. Magnitude of Closed
Loop Output Impedance vs.
Frequency
100
90
10
0%
5µs
20mV
Figure 21c. Unity Gain Follower
Small Signal Pulse Response
RF = 0 Ω, CL = 100 pF
100
90
10
0%
2V
50µs
Figure 22b. Unity Gain Inverter
Large Signal Pulse Response
CL = 50 pF
6
4
0.1µF
–VS
7
0.1µF
+VS
2
3
AD705
RL
2k
Ω
CL
RF
VOUT
VIN
SQUARE WAVE
INPUT
Figure 21a. Unity Gain Follower
(For Large Signal Applications,
Resistor RF Limits the Current
Through the Input Protection
Diodes)
100
90
10
0%
5µs
20mV
Figure 21d. Unity Gain Follower
Small Signal Pulse Response
RF = 0 Ω, CL = 1000 pF
100
90
10
0%
5µs
20mV
Figure 22c. Unity Gain Inverter
Small Signal Pulse Response
CL = 100 pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com