Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD711 Datasheet(PDF) 2 Page - Analog Devices

Part # AD711
Description  Precision, Low Cost, High Speed, BiFET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD711 Datasheet(HTML) 2 Page - Analog Devices

  AD711 Datasheet HTML 1Page - Analog Devices AD711 Datasheet HTML 2Page - Analog Devices AD711 Datasheet HTML 3Page - Analog Devices AD711 Datasheet HTML 4Page - Analog Devices AD711 Datasheet HTML 5Page - Analog Devices AD711 Datasheet HTML 6Page - Analog Devices AD711 Datasheet HTML 7Page - Analog Devices AD711 Datasheet HTML 8Page - Analog Devices AD711 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
J/A/S
K/B/T
C
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
INPUT OFFSET VOLTAGE
1
Initial Offset
0.3
2
/1/1
0.2
0.5
0.10
0.25
mV
TMIN to TMAX
3/2/2
1.0
0.45
mV
vs. Temp
7
20/20/20
5
10
2
5
µV/°C
vs. Supply
76
95
80
100
86
110
dB
TMIN to TMAX
76/76/76
80
86
dB
Long-Term Stability
15
15
15
µV/Month
INPUT BIAS CURRENT
2
VCM = 0 V
15
50
15
50
15
25
pA
VCM = 0 V @ TMAX
1.1/3.2/51
1.1/3.2/51
1.6
nA
VCM = ± 10 V
20
100
20
100
20
50
pA
INPUT OFFSET CURRENT
VCM = 0 V
10
25
5
25
5
10
pA
VCM = 0 V @ TMAX
0.6/1.6/26
0.6/1.6/26
0.65
nA
FREQUENCY RESPONSE
Small Signal Bandwidth
3.0
4.0
3.4
4.0
3.4
4.0
MHz
Full Power Response
200
200
200
kHz
Slew Rate
16
20
18
20
18
20
V/
µs
Settling Time to 0.01%
1.0
1.2
1.0
1.2
1.0
1.2
µs
Total Harmonic Distortion
0.0003
0.0003
0.0003
%
INPUT IMPEDANCE
Differential
3
× 1012 5.5
3
× 1012 5.5
3
× 1012 5.5
Ω pF
Common Mode
3
× 1012 5.5
3
× 1012 5.5
3
× 1012 5.5
Ω pF
INPUT VOLTAGE RANGE
Differential
3
±20
±20
±20
V
Common-Mode Voltage
4
+14.5, –11.5
+14.5, –11.5
+14.5, –11.5
TMIN to TMAX
–VS + 4
+VS – 2
–VS + 4
+VS – 2
–VS + 4
+VS – 2 V
Common-Mode
Rejection Ratio
VCM = ± 10 V
76
88
80
88
86
94
dB
TMIN to TMAX
76/76/76
84
80
84
86
90
dB
VCM = ± 11 V
70
84
76
84
76
90
dB
TMIN to TMAX
70/70/70
80
74
80
74
84
dB
INPUT VOLTAGE NOISE
2
2
2
4
µV p-p
45
45
45
nV/
√Hz
22
22
22
nV/
√Hz
18
18
18
nV/
√Hz
16
16
16
nV/
√Hz
INPUT CURRENT NOISE
0.01
0.01
0.01
pA/
√Hz
OPEN-LOOP GAIN
150
400
200
400
200
400
V/mV
100/100/100
100
100
V/mV
OUTPUT CHARACTERISTICS
Voltage
+13, –12.5
+13.9, –13.3
+13, –12.5
+13.9, –13.3
+13, –12.5
+13.9, –13.3
V
±12/±12/ 12 +13.8, –13.1
12
+13.8, –13.1
12
+13.8, –13.1
V
Current
25
25
25
mA
POWER SUPPLY
Rated Performance
±15
±15
±15
V
Operating Range
4.5
18
4.5
18
4.5
18
V
Quiescent Current
2.5
3.4
2.5
3.0
2.5
2.8
mA
NOTES
1Input Offset Voltage specifications are guaranteed after 5 minutes of operation at T
A = +25°C.
2Bias Current specifications are guaranteed maximum at either input after 5 minutes of operation at T
A = +25°C.
For higher temperatures, the current doubles every 10
°C.
3Defined as voltage between inputs, such that neither exceeds
±10 V from ground.
4Typically exceeding –14.1 V negative common-mode voltage on either input results in an output phase reversal.
Specifications subject to change without notice.
AD711–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (V
S =
15 V @ TA = +25 C unless otherwise noted)
REV. A
–2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com