Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD705JR Datasheet(PDF) 2 Page - Analog Devices

Part # AD705JR
Description  Picoampere Input Current Bipolar Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD705JR Datasheet(HTML) 2 Page - Analog Devices

  AD705JR Datasheet HTML 1Page - Analog Devices AD705JR Datasheet HTML 2Page - Analog Devices AD705JR Datasheet HTML 3Page - Analog Devices AD705JR Datasheet HTML 4Page - Analog Devices AD705JR Datasheet HTML 5Page - Analog Devices AD705JR Datasheet HTML 6Page - Analog Devices AD705JR Datasheet HTML 7Page - Analog Devices AD705JR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD705–SPECIFICATIONS
AD705J/A
AD705K/B
AD705T
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
INPUT OFFSET VOLTAGE
Initial Offset
30
90
10
35
10
25
µV
Offset
TMIN to TMAX
45
150
25
60
25
60
µV
vs. Temp, Average TC
0.2
1.2
0.2
0.6
0.2
0.6
µV/°C
vs. Supply (PSRR)
VS = ± 2 V to ± 18 V
110
129
110
129
114
129
dB
TMIN to TMAX
VS = ± 2.5 V to ± 18 V
108
126
108
126
108
126
dB
Long Term Stability
0.3
0.3
0.3
µV/month
INPUT BIAS CURRENT
1
VCM = 0 V
60
150
30
100
30
100
pA
VCM = ± 13.5 V
80
200
50
150
50
150
pA
vs. Temp, Average TC
0.3
0.3
0.6
pA/
°C
TMIN to TMAX
VCM = 0 V
80
250
50
150
90
600
pA
TMIN to TMAX
VCM = ± 13.5 V
100
450
70
350
120
750
pA
INPUT OFFSET CURRENT
VCM = 0 V
40
150
30
100
30
100
pA
VCM = ± 13.5 V
40
200
30
150
30
150
pA
vs. Temp, Average TC
0.3
0.3
0.4
pA/
°C
TMIN to TMAX
VCM = 0 V
80
250
50
150
80
250
pA
TMIN to TMAX
VCM = ± 13.5 V
80
450
50
350
80
450
pA
FREQUENCY RESPONSE
Unity Gain
Crossover Frequency
0.4
0.8
0.4
0.8
0.4
0.8
MHz
Slew Rate, Unity Gain
G = –1
0.1
0.15
0.1
0.15
0.1
0.15
V/
µs
Slew Rate
TMIN to TMAX
0.05
0.15
0.05
0.15
0.05
0.15
V/
µs
INPUT IMPEDANCE
Differential
40 2
40 240 2M
Ω pF
Common Mode
300 2
300 2
300 2G
Ω pF
INPUT VOLTAGE RANGE
Common-Mode Voltage
± 13.5
± 14
± 13.5
± 14
± 13.5
± 14
V
COMMON-MODE
REJECTION RATIO
VCM = ± 13.5 V
110
132
114
132
114
132
dB
TMIN to TMAX
108
128
108
128
108
128
dB
INPUT VOLTAGE NOISE
0.1 Hz to 10 Hz
0.5
0.5
1.0
0.5
1.0
µV p-p
f = 10 Hz
17
17
17
nV/
√Hz
f = 1 kHz
15
22
15
22
15
22
nV/
√Hz
INPUT CURRENT NOISE
f = 10 Hz
50
50
50
fA/
√Hz
OPEN-LOOP GAIN
VO = ± 12 V
RLOAD = 10 kΩ
300
2000
400
2000
400
2000
V/mV
TMIN to TMAX
200
1500
300
1500
300
1500
V/mV
VO = ± 10 V
RLOAD = 2 kΩ
200
1000
300
1000
300
1000
V/mV
TMIN to TMAX
150
1000
200
1000
200
1000
V/mV
OUTPUT CHARACTERISTICS
Voltage Swing
RLOAD = 10 k
Ω± 13
± 14
± 13
± 14
± 13
± 14
V
TMIN to TMAX
13
± 14
13
± 14
13
± 14
V
Current
Short Circuit
± 15
± 15
± 15
mA
Capacitive Load
Drive Capability
Gain = +1
10,000
10,000
10,000
pF
Output Resistance
Open Loop
200
200
200
Ω
POWER SUPPLY
Rated Performance
± 15
± 15
± 15
V
Operating Range
2.0
18
2.0
18
2.0
18
V
Quiescent Current
380
600
380
600
380
600
µA
TMIN to TMAX
400
800
400
800
400
800
µA
TEMPERATURE RANGE
FOR RATED PERFORMANCE
Commercial (0
°C to +70°C)
AD705J
AD705K
Industrial (–40
°C to +85°C)
AD705A
AD705B
Military (–55
°C to +125°C)
AD705T
(@ TA = +25 C, VCM = 0 V, and VS =
15 V dc, unless otherwise noted)
REV. B
–2–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com