Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD705TQ Datasheet(PDF) 3 Page - Analog Devices

Part # AD705TQ
Description  Picoampere Input Current Bipolar Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD705TQ Datasheet(HTML) 3 Page - Analog Devices

  AD705TQ Datasheet HTML 1Page - Analog Devices AD705TQ Datasheet HTML 2Page - Analog Devices AD705TQ Datasheet HTML 3Page - Analog Devices AD705TQ Datasheet HTML 4Page - Analog Devices AD705TQ Datasheet HTML 5Page - Analog Devices AD705TQ Datasheet HTML 6Page - Analog Devices AD705TQ Datasheet HTML 7Page - Analog Devices AD705TQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD705J/A
AD705K/B
AD705T
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
PACKAGE OPTIONS
8-Pin Cerdip (Q-8)
AD705AQ
AD705BQ
AD705TQ
8-Pin Plastic Mini-DIP (N-8)
AD705JN
AD705KN
8-Pin SOIC (R-8)
AD705JR
Chips
AD705JCHIPS
TRANSISTOR COUNT
# of Transistors
45
45
45
NOTES
1Bias current specifications are guaranteed maximum at either input.
All min and max specifications are guaranteed
Specifications in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels.
Specifications subject to change without notice.
AD705
METALIZATION PHOTOGRAPH
Dimensions shown in inches and (mm).
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
. . . . . . . . . . . . . . . . . . . 650 mW
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage
3
. . . . . . . . . . . . . . . . . . . . .
±0.7 V
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range (N, R) . . . . . . . –65
°C to +125°C
Storage Temperature Range (Q) . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
AD705J/K . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD705A/B . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
AD705T . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Specification is for device in free air:
8-Pin Plastic Package:
θ
JA = 165°C/Watt
8-Pin Cerdip Package:
θ
JA = 110°C/Watt
8-Pin Small Outline Package:
θ
JA = 155°C/Watt
3The input pins of these amplifiers are protected by back-to-back diodes. If the
differential voltage exceeds
± 0.7 V, external series protection resistors should be
added to limit the input current to less than 25 mA.
REV. B
–3–
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD705AQ
–40
°C to +85°C
8-Pin Ceramic DIP
Q-8
AD705BQ
–40
°C to +85°C
8-Pin Ceramic DIP
Q-8
AD705JCHIPS
0
°C to +70°C
Bare Die
AD705JN
0
°C to +70°C
8-Pin Plastic DIP
N-8
AD705JR
0
°C to +70°C
8-Pin Plastic SOIC
R-8
AD705JR-REEL
0
°C to +70°C
8-Pin Plastic SOIC
R-8
AD705JR-REEL7
0
°C to +70°C
8-Pin Plastic SOIC
R-8
AD705KN
0
°C to +70°C
8-Pin Plastic DIP
N-8
AD705TQ
–55
°C to +125°C
8-Pin Ceramic DIP
Q-8
AD705TQ/883B
–55
°C to +125°C
8-Pin Ceramic DIP
Q-8
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD705 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
3
2
1
4
5
6
7
8
NULL
8
+VS
7
VOUT
6
NULL 1
–IN 2
3
+IN
5 OVER COMP
4 –VS
0.074 (1.88)
0.0677
(1.72)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com