Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD720 Datasheet(PDF) 1 Page - Analog Devices

Part # AD720
Description  RGB to NTSC/PAL Encoders
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD720 Datasheet(HTML) 1 Page - Analog Devices

  AD720 Datasheet HTML 1Page - Analog Devices AD720 Datasheet HTML 2Page - Analog Devices AD720 Datasheet HTML 3Page - Analog Devices AD720 Datasheet HTML 4Page - Analog Devices AD720 Datasheet HTML 5Page - Analog Devices AD720 Datasheet HTML 6Page - Analog Devices AD720 Datasheet HTML 7Page - Analog Devices AD720 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
a
FUNCTIONAL BLOCK DIAGRAM
SYNC
DECODER
BURST
C-SYNC
4FSC
ENCD
RED
GREEN
BLUE
QUADRATURE
DECODER
DELAYED C-SYNC
SC 90
°
SC 0
°
CLOCK
AT 8FSC
DC
RESTORE
AND C-SYNC
INSERTION
5MHz
2-POLE
LP POST-
FILTER
COMPOSITE OUTPUT*
–0.572V TO 2V NTSC
–0.6V TO 2V PAL
LUMINANCE OUTPUT*
–0.572V TO 1.43V NTSC
–0.6V TO 1.4V PAL
CHROMINANCE OUTPUT*
572mVp-p NTSC
600mVp-p PAL
NTSC/PAL
C-SYNC
DELAY
±180
°
(PAL ONLY)
RGB-TO-YUV
ENCODING
MATRIX
BURST
Y
U
V
SC 90
°/270°
5MHz
4-POLE LP
PRE-FILTER
1.2MHz
4-POLE
LPF
1.2MHz
4-POLE
LPF
SAMPLED-
DATA
DELAY LINE
∑
3.6MHz (NTSC)
4.4MHz (PAL)
3-POLE LPF
∑
X2
X2
X2
POWER AND GROUNDS
+5V
AGND
DGND
LOGIC
ANALOG
ANALOG ONLY
ANALOG
LOGIC
+5V
–5V
*NOTE:
THE LUMINANCE, COMPOSITE, AND CHROMINANCE
OUTPUTS ARE AT TWICE NORMAL LEVELS FOR
DRIVING 75
Ω REVERSE-TERMINATED LINES.
ASNC
NTSC/PAL
BALANCED
MODULATORS
NTSC/PAL
X2
X2
X2
ROUT
1.5Vp-p
GOUT
1.5Vp-p
BOUT
1.5Vp-p
AD721
(ONLY)
NTSC/PAL
AD720/AD721
FEATURES
Composite Video Output
Chrominance and Luminance (S-Video) Outputs
No External Filters or Delay Lines Required
Drives 75
Ω Reverse-Terminated Loads
Compact 28-Pin PLCC
Logic Selectable NTSC or PAL Encoding Modes
Automatically Selects Proper Chrominance Filter
Cutoff Frequency for Encoding Standard
Logic Selectable Encode or Power-Down Mode (AD720
Only)
Logic Selectable Encode or Bypass Mode (AD721 Only)
Low Power: 200 mW typical
APPLICATIONS
RGB to NTSC or PAL Encoding
Drive RGB Signals into 75
Ω Load (AD721 Only)
PRODUCT DESCRIPTION
The AD720 and AD721 RGB to NTSC/PAL Encoders convert
red, green and blue color component signals into their corre-
sponding luminance (baseband amplitude) and chrominance
(subcarrier amplitude and phase) signals in accordance with
either NTSC or PAL standards. These two outputs are also
combined to provide a composite video output. All three out-
puts are available separately at voltages of twice the standard
signal levels as required for driving 75
Ω reverse terminated
cables. The AD721 also features a bypass mode, in which the
RGB inputs may bypass the encoder section of the IC via three
gain-of-two amplifiers suitable for driving 75
Ω reverse termi-
nated cables.
The AD720 and AD721 provide a complete, fully calibrated
function, requiring only termination resistors, bypass capacitors,
a clock input at four times the subcarrier frequency, and a com-
posite sync pulse. There are two control inputs: one input
selects the TV standard (NTSC/PAL) and the other (ENCD)
powers down most sections of the chip when the encoding func-
tion is not in use (AD720) or activates the triple bypass buffer to
drive the RGB signals when RGB encoding is not required
(AD721). All logical inputs are CMOS compatible. The chip
operates from
±5 V supplies.
(continued on page 5)
RGB to NTSC/PAL Encoders
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.


Similar Part No. - AD720

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD720-00 ETC2-AD720-00 Datasheet
159Kb / 12P
Package Drawings and Specifications
logo
Analog Devices
AD720 AD-AD720_15 Datasheet
287Kb / 8P
RGB to NTSC/PAL Encoders
REV. 0
More results

Similar Description - AD720

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD722 AD-AD722 Datasheet
363Kb / 12P
RGB to NTSC/PAL Encoder
REV.0
AD724 AD-AD724 Datasheet
205Kb / 15P
RGB to NTSC/PAL Encoder
logo
Intersil Corporation
HMP8154 INTERSIL-HMP8154_05 Datasheet
563Kb / 34P
NTSC/PAL Encoders
November 4, 2005
HMP8154 INTERSIL-HMP8154 Datasheet
579Kb / 34P
NTSC/PAL Encoders
August 20, 2009
logo
Analog Devices
AD724JRZ AD-AD724JRZ Datasheet
198Kb / 15P
RGB to NTSC/PAL Encoder
REV. B
AD720 AD-AD720_15 Datasheet
287Kb / 8P
RGB to NTSC/PAL Encoders
REV. 0
AD721 AD-AD721_15 Datasheet
287Kb / 8P
RGB to NTSC/PAL Encoders
REV. 0
AD724 AD-AD724_15 Datasheet
209Kb / 15P
RGB to NTSC/PAL Encoder
REV. B
logo
Renesas Technology Corp
HMP8154 RENESAS-HMP8154 Datasheet
1Mb / 34P
NTSC/PAL Encoders
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
COLOR TELEVISION RGB to PAL/NTSC ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com