Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD721 Datasheet(PDF) 6 Page - Analog Devices

Part # AD721
Description  RGB to NTSC/PAL Encoders
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD721 Datasheet(HTML) 6 Page - Analog Devices

  AD721 Datasheet HTML 1Page - Analog Devices AD721 Datasheet HTML 2Page - Analog Devices AD721 Datasheet HTML 3Page - Analog Devices AD721 Datasheet HTML 4Page - Analog Devices AD721 Datasheet HTML 5Page - Analog Devices AD721 Datasheet HTML 6Page - Analog Devices AD721 Datasheet HTML 7Page - Analog Devices AD721 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. 0
–6–
AD720/AD721
The filtered output is summed with the luminance signal to cre-
ate a composite video signal. The separate luminance, chromi-
nance, and composite video signals are amplified by gain-of-two
amplifiers for driving 75
Ω reverse-terminated lines. The sepa-
rate luminance and chrominance outputs together are known as
“S-Video.”
The digital section of the AD720/AD721 is clocked by the
4FSC input. It measures the width of pulses in the composite
sync input to separate vertical, horizontal, and serration pulses
and to insert the subcarrier burst only after a valid horizontal
sync pulse.
Asserting the ENCD pin to a logical low routes the AD721’s
RGB inputs through three gain-of-two bypass buffers for driving
75
Ω reverse-terminated lines, bypassing the encoder section of
the AD721. The triple bypass amplifier is utilized to overcome
the loading effects of a “TV-out” connection on the RGB moni-
tor output. When a video encoder is connected to outputs of a
current-out video RAMDAC or VGA controller, the R, G, and
B signals to the monitor are loaded-down. This requires the use
of a gain block to properly drive the monitor.
0.1
µF
4
3
2
1
28
27
26
18
17
16
15
14
13
12
11
10
9
8
6
7
5
19
25
24
23
22
21
20
AGND
VNEG
SYNC
DPOS
4FSC
DPOS
ASNC
DGND
ENCD
RDIN
AGND
GRIN
AGND
BLIN
STND
AGND
VNEG
DGND
AD720
CHROMINANCE OUTPUT
COMPOSITE OUTPUT
LUMINANCE OUTPUT
75
Ω
75
Ω
75
Ω
RGB TO NTSC/PAL
ENCODER
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
–5V FROM ANALOG SUPPLY
COMPOSITE SYNC INPUT
CMOS LOGIC LEVEL
NEGATIVE SYNC TIPS
+5V FROM
DIGITAL SUPPLY
+5V FROM
DIGITAL SUPPLY
4 X SUBCARRIER INPUT
CMOS LOGIC LEVELS
NTCS = 14.318 180MHz
PAL = 17.734 480MHz
ENCODE INPUT
ENCODE = CMOS HIGH
POWER DOWN = CMOS LOW
VIDEO STANDARD
SELECTION INPUT
NTSC = CMOS HIGH
PAL = CMOS LOW
+5V FROM
ANALOG SUPPLY
+5V FROM
ANALOG SUPPLY
–5V FROM
ANALOG SUPPLY
75
Ω
75
Ω
75
Ω
VIDEO
RAM-DAC
ADV47X
ADV71XX
IOR
IOG
IOB
75
Ω
75
Ω
75
Ω
Figure 9. AD720 Application
+5V FROM
ANALOG SUPPLY
0.1
µF
0.1
µF
–5V FROM
ANALOG SUPPLY
BLUE OUTPUT
GREEN OUTPUT
RED OUTPUT
75
Ω
75
Ω
75
Ω
4
3
2
1
28
27
26
18
17
16
15
14
13
12
11
10
9
8
6
7
5
19
25
24
23
22
21
20
AGND
VNEG
SYNC
DPOS
4FSC
DPOS
ASNC
DGND
ENCD
RDIN
AGND
GRIN
AGND
BLIN
STND
AGND
VNEG
DGND
AD721
CHROMINANCE OUTPUT
COMPOSITE OUTPUT
LUMINANCE OUTPUT
75
Ω
75
Ω
75
Ω
RGB TO NTSC/PAL
ENCODER
0.1
µF
0.1
µF
0.1
µF
0.1
µF
–5V FROM ANALOG SUPPLY
COMPOSITE SYNC INPUT
CMOS LOGIC LEVEL
NEGATIVE SYNC TIPS
+5V FROM
DIGITAL SUPPLY
+5V FROM
DIGITAL SUPPLY
4 X SUBCARRIER INPUT
CMOS LOGIC LEVELS
NTCS = 14.318 180MHz
PAL = 17.734 480MHz
ENCODE INPUT
ENCODE = CMOS HIGH
BYPASS = CMOS LOW
VIDEO STANDARD
SELECTION INPUT
NTSC = CMOS HIGH
PAL = CMOS LOW
+5V FROM
ANALOG SUPPLY
75
Ω
75
Ω
75
Ω
VIDEO
RAM-DAC
ADV47X
ADV71XX
IOR
IOG
IOB
75
Ω
75
Ω
75
Ω
Figure 10. AD721 Application



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com