Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1347 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1347
Description  Low-Current, SPI-Compatible Real-Time Clock
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1347 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1347_13 Datasheet HTML 1Page - Maxim Integrated Products DS1347_13 Datasheet HTML 2Page - Maxim Integrated Products DS1347_13 Datasheet HTML 3Page - Maxim Integrated Products DS1347_13 Datasheet HTML 4Page - Maxim Integrated Products DS1347_13 Datasheet HTML 5Page - Maxim Integrated Products DS1347_13 Datasheet HTML 6Page - Maxim Integrated Products DS1347_13 Datasheet HTML 7Page - Maxim Integrated Products DS1347_13 Datasheet HTML 8Page - Maxim Integrated Products DS1347_13 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Low-Current, SPI-Compatible
Real-Time Clock
2
Maxim Integrated
DS1347
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.0V to +5.5V, TA = -40
°C to +85°C. Typical values are at VCC = +3.3V, TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
All Other Pins to GND ................................-0.3V to (VCC + 0.3V)
Current into Any Pin..........................................................±20mA
Rate of Rise, VCC ............................................................100V/µs
Continuous Power Dissipation (TA = +70
°C)
TDFN (derate 24.4mW/
°C above +70°C)...................1.375mW
Junction Temperature .....................................................+150
°C
Storage Temperature Range…………………… -55
°C to +125°C
ESD Protection (All Pins, Human Body Model)................±2000V
Lead Temperature (soldering, 10s) .................................+300
°C
Soldering Temperature (reflow) .......................................+260
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage
Range
VCC
2
5.5
V
VCC = +2V
0.1
Active Supply Current
(Note 2)
ICC
VCC = +5V
0.25
mA
VCC = +2V
0.35
0.7
VCC = +3.6V
0.35
0.7
Timekeeping Supply
Current (Note 3)
ITK
VCC = +5V
0.4
0.8
μA
SPI DIGITAL INPUTS (SCLK, DIN,
CS)
VCC = +2V
1.4
Input High Voltage
VIH
VCC = +5V
2.2
V
VCC = +2V
0.6
Input Low Voltage
VIL
VCC = +5V
0.8
V
Input Leakage Current
IIL
VIN = 0 to VCC
-0.1
+0.1
μA
Input Capacitance
CIN
(Note 4)
10
pF
SPI DIGITAL OUTPUT (DOUT)
Output Leakage Current
IO
CS = VIH
-0.1
+0.1
μA
Output Capacitance
COUT
(Note 4)
15
pF
VCC = +2V, ISINK = 1.5mA
0.4
Output Low Voltage
VOL
VCC = +5V, ISINK = 4mA
0.4
V
VCC = +2V, ISOURCE = -0.4mA
1.8
Output High Voltage
VOH
VCC = +5V, ISOURCE = -1mA
4.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com