Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7233 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7233
Description  LC2MOS 12-Bit Serial Mini-DIP DACPORT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7233 Datasheet(HTML) 2 Page - Analog Devices

  AD7233 Datasheet HTML 1Page - Analog Devices AD7233 Datasheet HTML 2Page - Analog Devices AD7233 Datasheet HTML 3Page - Analog Devices AD7233 Datasheet HTML 4Page - Analog Devices AD7233 Datasheet HTML 5Page - Analog Devices AD7233 Datasheet HTML 6Page - Analog Devices AD7233 Datasheet HTML 7Page - Analog Devices AD7233 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. A
–2–
AD7233–SPECIFICATIONS1
(VDD = +12 V to +15 V,
2 V
SS = –12 V to –15 V,
2 GND = 0 V, R
L = 2 k
,
CL = 100 pF to GND. All specifications TMIN to TMAX unless otherwise noted.)
Parameter
A, B
Unit
Test Conditions/Comments
STATIC PERFORMANCE
Resolution
12
Bits
Relative Accuracy
3
±1
LSB max
Differential Nonlinearity
3
±0.9
LSB max
Guaranteed Monotonic
Bipolar Zero Error
3
±6
LSB max
DAC Latch Contents 0000 0000 0000
Full-Scale Error
3
±8
LSB max
Full-Scale Temperature Coefficient
4
±30
ppm of FSR/
°C typ
Guaranteed By Process
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IIN
±1
µA max
VIN = 0 V to VDD
Input Capacitance
4
8
pF max
ANALOG OUTPUTS
Output Voltage Range
±5V
DC Output Impedance
4
0.5
Ω typ
AC CHARACTERISTICS
4
Voltage Output Settling Time
Settling Time to Within
±1/2 LSB of Final Value
Positive Full-Scale Change
10
µs max
Typically 4
µs; DAC Latch 100. . .000 to 011. . .111
Negative Full-Scale Change
10
µs max
Typically 5
µs; DAC Latch 011. . .111 to 100. . .000
Digital-to-Analog Glitch Impulse
3
30
nV secs typ
DAC Latch Contents Toggled Between All 0s and all 1s
Digital Feedthrough
3
10
nV secs typ
LDAC = High
POWER REQUIREMENTS
VDD Range
+10.8/+16.5
V min/V max
For Specified Performance Unless Otherwise Stated
VSS Range
–10.8/–16.5
V min/V max
For Specified Performance Unless Otherwise Stated
IDD
10
mA max
Output Unloaded; Typically 7 mA at Thresholds
ISS
2
mA max
Output Unloaded; Typically 1 mA at Thresholds
NOTES
1Temperature Ranges are as follows: A, B Versions: –40
°C to +85°C.
2Power Supply Tolerance: A, B Versions:
±10%.
3See Terminology.
4Guaranteed by design and characterization, not production tested.
Specifications subject to change without notice.
TIMING CHARACTERISTICS1, 2
Limit at +25 C, TMIN, TMAX
Parameter
(All Versions)
Unit
Conditions/Comments
t1
3
200
ns min
SCLK Cycle Time
t2
15
ns min
SYNC to SCLK Falling Edge Setup Time
t3
70
ns min
SYNC to SCLK Hold Time
t4
0
ns min
Data Setup Time
t5
40
ns min
Data Hold Time
t6
0
ns min
SYNC High to LDAC Low
t7
20
ns min
LDAC Pulsewidth
t8
0
ns min
LDAC High to SYNC Low
NOTES
1Sample tested at +25
°C to ensure compliance. All input signals are specified with tr and tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2See Figure 3.
3SCLK Mark/Space Ratio range is 40/60 to 60/40.
(VDD = +10.8 V to +16.5 V, VSS = –10.8 V to –16.5 V, GND = O V, RL = 2 k ,
CL = 100 pF. All Specifications TMIN to TMAX unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com