Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7225LR Datasheet(PDF) 6 Page - Analog Devices

Part # AD7225LR
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225LR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7225LR Datasheet HTML 2Page - Analog Devices AD7225LR Datasheet HTML 3Page - Analog Devices AD7225LR Datasheet HTML 4Page - Analog Devices AD7225LR Datasheet HTML 5Page - Analog Devices AD7225LR Datasheet HTML 6Page - Analog Devices AD7225LR Datasheet HTML 7Page - Analog Devices AD7225LR Datasheet HTML 8Page - Analog Devices AD7225LR Datasheet HTML 9Page - Analog Devices AD7225LR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD7225
REV. B
–6–
CIRCUIT INFORMATION
D/A SECTION
The AD7225 contains four, identical, 8-bit voltage mode
digital-to-analog converters. Each D/A converter has a separate
reference input. The output voltages from the converters have
the same polarity as the reference voltages, allowing single sup-
ply operation. A novel DAC switch pair arrangement on the
AD7225 allows a reference voltage range from +2 V to +12.5 V
on each reference input.
Each DAC consists of a highly stable, thin-film, R-2R ladder
and eight high speed NMOS, single-pole, double-throw
switches. The simplified circuit diagram for channel A is shown
in Figure 7. Note that AGND (Pin 6) is common to all four
DACs.
Figure 7. D/A Simplified Circuit Diagram
The input impedance at any of the reference inputs is code de-
pendent and can vary from 11 k
Ω minimum to infinity. The
lowest input impedance at any reference input occurs when that
DAC is loaded with the digital code 01010101. Therefore, it is
important that the reference presents a low output impedance
under changing load conditions. The nodal capacitance at the
reference terminals is also code dependent and typically varies
from 15 pF to 35 pF.
Each VOUT pin can be considered as a digitally programmable
voltage source with an output voltage of:
VOUTX = DX • VREFX
where DX is fractional representation of the digital input code
and can vary from 0 to 255/256.
The output impedance is that of the output buffer amplifier.
OP-AMP SECTION
Each voltage mode D/A converter output is buffered by a unity
gain noninverting CMOS amplifier. This buffer amplifier is ca-
pable of developing +10 V across a 2 k
Ω load and can drive ca-
pacitive loads of 3300 pF.
The AD7225 can be operated single or dual supply; operating
with dual supplies results in enhanced performance in some pa-
rameters which cannot be achieved with single supply operation.
In single supply operation (VSS = 0 V = AGND) the sink capa-
bility of the amplifier, which is normally 400
µA, is reduced as
the output voltage nears AGND. The full sink capability of
400
µA is maintained over the full output voltage range by tying
VSS to –5 V. This is indicated in Figure 8.
Settling-time for negative-going output signals approaching
AGND is similarly affected by VSS. Negative-going settling-time
for single supply operation is longer than for dual supply opera-
tion. Positive-going settling-time is not affected by VSS.
Figure 8. Variation of ISINK with VOUT
Additionally, the negative VSS gives more headroom to the out-
put amplifiers which results in better zero code performance and
improved slew rate at the output, than can be obtained in the
single supply mode.
DIGITAL SECTION
The AD7225 digital inputs are compatible with either TTL or
5 V CMOS levels. All logic inputs are static protected MOS
gates with typical input currents of less than 1 nA. Internal in-
put protection is achieved by an on-chip distributed diode be-
tween DGND and each MOS gate. To minimize power supply
currents, it is recommended that the digital input voltages be
driven as close to the supply rails (VDD and DGND) as practi-
cally possible.
INTERFACE LOGIC INFORMATION
The AD7225 contains two registers per DAC, an input register
and a DAC register. Address lines A0 and A1 select which input
register will accept data from the input port. When the WR sig-
nal is LOW, the input latches of the selected DAC are transpar-
ent. The data is latched into the addressed input register on the
rising edge of WR. Table I shows the addressing for the input
registers on the AD7225.
Table I. AD7225 Addressing
A1
A0
Selected Input Register
L
L
DAC A Input Register
L
H
DAC B Input Register
H
L
DAC C Input Register
H
H
DAC D Input Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com