Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7247A Datasheet(PDF) 1 Page - Analog Devices

Part # AD7247A
Description  LC2MOS Dual 12-Bit DACPORTs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7247A Datasheet(HTML) 1 Page - Analog Devices

  AD7247A Datasheet HTML 1Page - Analog Devices AD7247A Datasheet HTML 2Page - Analog Devices AD7247A Datasheet HTML 3Page - Analog Devices AD7247A Datasheet HTML 4Page - Analog Devices AD7247A Datasheet HTML 5Page - Analog Devices AD7247A Datasheet HTML 6Page - Analog Devices AD7247A Datasheet HTML 7Page - Analog Devices AD7247A Datasheet HTML 8Page - Analog Devices AD7247A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAMS
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS
Dual 12-Bit DACPORTs
AD7237A/AD7247A
FEATURES
Complete Dual 12-Bit DAC Comprising
Two 12-Bit CMOS DACs
On-Chip Voltage Reference
Output Amplifiers
Reference Buffer Amplifiers
Improved AD7237/AD7247:
12 V to 15 V Operation
Faster Interface –30 ns typ Data Setup Time
Parallel Loading Structure: AD7247A
(8+4) Loading Structure: AD7237A
Single or Dual Supply Operation
Low Power—165 mW typ in Single Supply
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
PRODUCT HIGHLIGHTS
1. The AD7237A/AD7247A is a dual 12-bit DACPORT
® on a
single chip. This single chip design and small package size
offer considerable space saving and increased reliability over
multichip designs.
2. The improved interface times of the parts allow easy, direct
interfacing to most modern microprocessors, whether they
have 8-bit or 16-bit data bus structures.
3. The AD7237A/AD7247A features a wide power supply
range allowing operation from 12 V supplies.
DACPORT is a registered trademark of Analog Devices, Inc.
GENERAL DESCRIPTION
The AD7237A/AD7247A is an enhanced version of the industry
standard AD7237/AD7247. Improvements include operation
from 12 V to 15 V supplies, faster interface times and better
reference variations with VDD. Additional features include faster
settling times.
The AD7237A/AD7247A is a complete, dual, 12-bit, voltage
output digital-to-analog converter with output amplifiers and
Zener voltage reference on a monolithic CMOS chip. No exter-
nal user trims are required to achieve full specified performance.
Both parts are microprocessor compatible, with high speed data
latches and interface logic. The AD7247A accepts 12-bit paral-
lel data which is loaded into the respective DAC latch using the
WR
input and a separate Chip Select input for each DAC. The
AD7237A has a double buffered interface structure and an 8-bit
wide data bus with data loaded to the respective input latch in
two write operations. An asynchronous LDAC signal on the
AD7237A updates the DAC latches and analog outputs.
A REF OUT/REF IN function is provided which allows either
the on-chip 5 V reference or an external reference to be used as
a reference voltage for the part. For single supply operation, two
output ranges of 0 V to +5 V and 0 V to +10 V are available,
while these two ranges plus an additional
±5 V range are avail-
able with dual supplies. The output amplifiers are capable of de-
veloping +10 V across a 2 k
Ω load to GND.
The AD7237A/AD7247A is fabricated in Linear Compatible
CMOS (LC
2MOS), an advanced, mixed technology process
that combines precision bipolar circuits with low power CMOS
logic. Both parts are available in a 24-pin, 0.3" wide plastic and
hermetic dual-in-line package (DIP) and are also packaged in a
24-lead small outline (SOIC) package.


Similar Part No. - AD7247A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7247AAR-REEL AD-AD7247AAR-REEL Datasheet
1Mb / 12P
LC2MOS Dual 12-Bit DACPORT
REV. A
AD7247AARZ AD-AD7247AARZ Datasheet
1Mb / 12P
LC2MOS Dual 12-Bit DACPORT
REV. A
AD7247AQ AD-AD7247AQ Datasheet
1Mb / 7P
LC2MOS DUAL 12-BIT DACPORT
AD7247AQ AD-AD7247AQ Datasheet
1Mb / 12P
LC2MOS Dual 12-Bit DACPORT
REV. A
AD7247AQ AD-AD7247AQ Datasheet
1Mb / 12P
LC2MOS Dual 12-Bit DACPORT
REV. A
More results

Similar Description - AD7247A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7237 AD-AD7237 Datasheet
1Mb / 7P
LC2MOS DUAL 12-BIT DACPORT
AD7245A AD-AD7245A Datasheet
306Kb / 16P
LC2MOS 12-Bit DACPORTs
AD7247AARZ AD-AD7247AARZ Datasheet
1Mb / 12P
LC2MOS Dual 12-Bit DACPORT
REV. A
AD7245AARZ AD-AD7245AARZ Datasheet
669Kb / 16P
LC2MOS 12-Bit DACPORTs
REV. B
AD7245ABRZ AD-AD7245ABRZ Datasheet
669Kb / 16P
LC2MOS 12-Bit DACPORTs
REV. B
AD7247AAR-REEL AD-AD7247AAR-REEL Datasheet
1Mb / 12P
LC2MOS Dual 12-Bit DACPORT
REV. A
5962-88766013A AD-5962-88766013A Datasheet
718Kb / 16P
LC2MOS 12-Bit DACPORTs
REV. B
AD7237A AD-AD7237A_15 Datasheet
395Kb / 12P
LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7245A AD-AD7245A_15 Datasheet
703Kb / 16P
LC MOS 12-Bit DACPORTs
REV. B
AD7247A AD-AD7247A_15 Datasheet
395Kb / 12P
LC MOS Dual 12-Bit DACPORTs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com