Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7303 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7303
Description  2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7303 Datasheet(HTML) 3 Page - Analog Devices

  AD7303 Datasheet HTML 1Page - Analog Devices AD7303 Datasheet HTML 2Page - Analog Devices AD7303 Datasheet HTML 3Page - Analog Devices AD7303 Datasheet HTML 4Page - Analog Devices AD7303 Datasheet HTML 5Page - Analog Devices AD7303 Datasheet HTML 6Page - Analog Devices AD7303 Datasheet HTML 7Page - Analog Devices AD7303 Datasheet HTML 8Page - Analog Devices AD7303 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD7303
–3–
REV. 0
TIMING CHARACTERISTICS1, 2
Parameter
Limit at TMIN, TMAX (B Version)
Units
Conditions/Comments
t1
33
ns min
SCLK Cycle Time
t2
13
ns min
SCLK High Time
t3
13
ns min
SCLK Low Time
t4
5
ns min
SYNC
Setup Time
t5
5
ns min
Data Setup Time
t6
4.5
ns min
Data Hold Time
t7
4.5
ns min
SYNC
Hold Time
t8
33
ns min
Minimum SYNC High Time
NOTES
1Sample tested at +25
°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and timed from a voltage level of (VIL + VIH)/2,
tr and tf should not exceed 1
µs on any input.
2See Figures 1 and 2.
SCLK (I)
SYNC (I)
DIN (I)
DB15
DB0
t5
t6
t2
t3
t4
t7
t4
t8
t1
Figure 1. Timing Diagram for Continuous 16-Bit Write
SCLK (I)
SYNC (I)
DIN (I)
DB15
DB8
t5
t6
t2
t3
t4
t7
DB7
DB0
t5
t6
t8
t1
Figure 2. Timing Diagram for 2
× 8-Bit Writes
(VDD = +2.7 V to +5.5 V; GND = 0 V; Reference = Internal VDD/2 Reference; all specifications
TMIN to TMAX unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com