Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7304 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7304
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7304 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7304 Datasheet HTML 6Page - Analog Devices AD7304 Datasheet HTML 7Page - Analog Devices AD7304 Datasheet HTML 8Page - Analog Devices AD7304 Datasheet HTML 9Page - Analog Devices AD7304 Datasheet HTML 10Page - Analog Devices AD7304 Datasheet HTML 11Page - Analog Devices AD7304 Datasheet HTML 12Page - Analog Devices AD7304 Datasheet HTML 13Page - Analog Devices AD7304 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
–13–
AD7304/AD7305
REV. A
APPLICATIONS
The AD7304/AD7305 is inherently a 2-quadrant multiplying
D/A converter. That is, it can easily be set up for unipolar out-
put operation. The full-scale output polarity is the same as the
reference input voltage polarity.
In some applications it may be necessary to generate the full
4-quadrant multiplying capability or a bipolar output swing.
This is easily accomplished using an external true rail-to-rail op
amp, such as the OP295. Connecting the external amplifier with
two equal value resistors as shown in Figure 34 results in a full
4-quadrant multiplying circuit. In this circuit the amplifier pro-
vides a gain of two, which increases the output span magnitude
to 10 volts. The transfer equation of this circuit shows that both
negative and positive output voltages are created as the input
data (D) is incremented from code zero (VOUT = –5 V) to mid-
scale (VOUT = 0 V) to full scale (VOUT = +5 V).
VOUT = (D/128 –1)
× VREF
(2)
+5V
10k
10k
AD7304
REF
–5V < VOUT < +5V
Figure 34. Four-Quadrant Multiplying Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com