Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7314ARM Datasheet(PDF) 4 Page - Analog Devices

Part # AD7314ARM
Description  Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7314ARM Datasheet(HTML) 4 Page - Analog Devices

  AD7314ARM Datasheet HTML 1Page - Analog Devices AD7314ARM Datasheet HTML 2Page - Analog Devices AD7314ARM Datasheet HTML 3Page - Analog Devices AD7314ARM Datasheet HTML 4Page - Analog Devices AD7314ARM Datasheet HTML 5Page - Analog Devices AD7314ARM Datasheet HTML 6Page - Analog Devices AD7314ARM Datasheet HTML 7Page - Analog Devices AD7314ARM Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. 0
AD7314
–4–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1
NC
No Connect.
2
CE
Chip Enable Input. The device is selected when this input is high. The SCLK input is disabled
when this pin is low.
3
SCLK
Serial Clock Input. This is the clock input for the serial port. The serial clock is used to clock
data out of the temperature value register of the AD7314 and also to clock data into the control
register on the part.
4
GND
Analog and Digital Ground.
5
SDO
Serial Data Output. Logic output. Data is clocked out of the temperature value register at this pin.
6
SDI
Serial Data Input. Serial data to be loaded to the parts’s control register is provided on this input.
7
ID
Identification. This pin can be used by a master device to identify the AD7314 in an SPI Bus
system. This pin has an internal pull-down resistor of 1 k
Ω.
8VDD
Positive Supply Voltage, 2.65 V to 2.9 V.
PIN CONFIGURATION
SOIC
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
NC = NO CONNECT
NC
SDO
CE
SCLK
GND
SDI
VDD
AD7314
ID



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com