Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ-ARM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MPQ-ARM
Description  The MPQ-ARM is a member of RPM?셲 family of dedicated in-system device programmers.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MPQ-ARM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MPQ-ARM Datasheet HTML 1Page - List of Unclassifed Manufacturers MPQ-ARM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RPM Systems Corporation Suite A-5 17371 Northeast 67th Court Redmond, Washington 98052, USA
Ph: (425)869-3901 Web: http://www.rpmsys.com E-mail: sales@rpmsys.com
MPQ-AVR In-System Programmer
Full Memory Programming Speeds for Selected Devices
Times shown are typical times to erase, program and verify APROM, LDROM and Data Flash on four microcontrollers
using maximum size program images for each device.
** MPQ-PS Power Supply included with MPQ-ARM
Operation
Program / Read Verify
M0516xAN
(64 Kb)
4.5s
NUC100LE3AN
(128 Kb)
8.5s
M054xAN
(16 Kb)
2.5s
MPQ Programmers are also available for these
popular microcontroller families
:
• Cypress PSoC/3/5 and enCoReII/III/V
• Silicon Labs C8051F series
• Zilog Z8 Encore! and ZNeo
• Atmel AVR and AVR32
Ordering Options
• MPQ-ARM
Supported Devices
M05x: M052LAN, M052ZAN, M054LAN, M054ZAN, M058LAN, M058ZAN, M0516LAN, M0516ZAN, M052LBN,
M052ZBN, M054LBN, M054ZBN, M058LBN, M058ZBN, M0516LBN, M0516ZBN
NUC1xx: NUC100LD3AN, NUC100LE3AN, NUC100RD3AN, NUC100RE3AN, NUC100VD2AN, NUC100VD3AN,
NUC100VE3AN, NUC100LC1BN, NUC100LD1BN, NUC100LD2BN, NUC100RC1BN, NUC100RD1BN,
NUC100RD2BN
NUC120LD3AN, NUC120LE3AN, NUC120RD3AN, NUC120RE3AN, NUC120VD2AN, NUC120VD3AN,
NUC120VE3AN, NUC120LC1BN, NUC120LD1BN, NUC120LD2BN, NUC120RC1BN, NUC120RD1BN,
NUC120RD2BN
NUC130LD3AN, NUC130LE3AN, NUC130RD3AN, NUC130RE3AN, NUC130VD2AN, NUC130VD3AN,
NUC130VE3AN, NUC130LC1BN, NUC130LD2BN, NUC130RC1BN, NUC130RD2BN
NUC140LD3AN, NUC140LE3AN, NUC140RD3AN, NUC140RE3AN, NUC140VD2AN, NUC140VD3AN,
NUC140VE3AN, NUC140LC1BN, NUC140LD2BN, NUC140RC1BN, NUC140RD2BN
Specifications
Target Voltage Range:
1.80 to 5.0VDC
Power Supply:
100 to 240VAC, 50/60Hz **
Operating Temperature Range:
0°C to +60°C
Software Support
RPM Systems MPManager Software
• Programmer Image Management
• Programmer Configuration
• PC-Controlled Programming
• WindowsTM 98, NT, 2000, XP, Vista, 7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com