Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD73322 Datasheet(PDF) 21 Page - Analog Devices

Part # AD73322
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD73322 Datasheet HTML 17Page - Analog Devices AD73322 Datasheet HTML 18Page - Analog Devices AD73322 Datasheet HTML 19Page - Analog Devices AD73322 Datasheet HTML 20Page - Analog Devices AD73322 Datasheet HTML 21Page - Analog Devices AD73322 Datasheet HTML 22Page - Analog Devices AD73322 Datasheet HTML 23Page - Analog Devices AD73322 Datasheet HTML 24Page - Analog Devices AD73322 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
AD73322
–21–
REV. B
Table XIV. Control Register A Description
CONTROL REGISTER A
7
6543210
T
E
S
E
R2
C
D1
C
D0
C
DB
L
SB
L
DM
M
/
A
T
A
D
M
G
P
Bit
Name
Description
0
DATA/PGM
Operating Mode (0 = Program; 1 = Data Mode)
1
MM
Mixed Mode (0 = Off; 1 = Enabled)
2
DLB
Digital Loop-Back Mode (0 = Off; 1 = Enabled)
3
SLB
SPORT Loop-Back Mode (0 = Off; 1 = Enabled)
4
DC0
Device Count (Bit 0)
5
DC1
Device Count (Bit 1)
6
DC2
Device Count (Bit 2)
7
RESET
Software Reset (0 = Off; 1 = Initiates Reset)
Table XV. Control Register B Description
CONTROL REGISTER B
76
543
21
0
CEE
MCD2
MCD1
MCD0
SCD1
SCD0
DIR1
DIR0
Bit
Name
Description
0
DIR0
Decimation/Interpolation Rate (Bit 0)
1
DIR1
Decimation/Interpolation Rate (Bit 1)
2
SCD0
Serial Clock Divider (Bit 0)
3
SCD1
Serial Clock Divider (Bit 1)
4
MCD0
Master Clock Divider (Bit 0)
5
MCD1
Master Clock Divider (Bit 1)
6
MCD2
Master Clock Divider (Bit 2)
7
CEE
Control Echo Enable (0 = Off; 1 = Enabled)
Table XVI. Control Register C Description
CONTROL REGISTER C
76
543
21
0
5VEN
RU
PUREF
PUDAC
PUADC
PUIA
PUAGT
PU
Bit
Name
Description
0
PU
Power-Up Device (0 = Power-Down; 1 = Power On)
1
PUAGT
Analog Gain Tap Power (0 = Power-Down; 1 = Power On)
2
PUIA
Input Amplifier Power (0 = Power-Down; 1 = Power On)
3
PUADC
ADC Power (0 = Power-Down; 1 = Power On)
4
PUDAC
DAC Power (0 = Power-Down; 1 = Power On)
5
PUREF
REF Power (0 = Power-Down; 1 = Power On)
6
RU
REFOUT Use (0 = Disable REFOUT; 1 = Enable REFOUT)
7
5VEN
Enable 5 V Operating Mode (0 = Disable 5 V Mode;
1 = Enable 5 V Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com