Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCL Datasheet(PDF) 3 Page - Exar Corporation

Part # SCL
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SCL Datasheet(HTML) 3 Page - Exar Corporation

  SCL Datasheet HTML 1Page - Exar Corporation SCL Datasheet HTML 2Page - Exar Corporation SCL Datasheet HTML 3Page - Exar Corporation SCL Datasheet HTML 4Page - Exar Corporation SCL Datasheet HTML 5Page - Exar Corporation SCL Datasheet HTML 6Page - Exar Corporation SCL Datasheet HTML 7Page - Exar Corporation SCL Datasheet HTML 8Page - Exar Corporation SCL Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
3/29
Rev. 1.0.1
INPUT VOLTAGE RANGE AND UNDERVOLTAGE LOCKOUT
Parameter
Min.
Typ.
Max.
Units
Conditions
VCC Range
5.5
25
V
•
4.75
5.5
V
•
With VCC connected to LDO5
VOLTAGE FEEDBACK ACCURACY AND OUTPUT VOLTAGE SET POINT RESOLUTION
Parameter
Min.
Typ.
Max.
Units
Conditions
VOUT Regulation Accuracy
Low Output Range
0.6V to 1.6V
PWM Operation
-5
5
mV
0.6 ≤ VOUT ≤ 1.6V
-20
20
mV
•
-7.5
7.5
mV
0.6 ≤ VOUT ≤ 1.6V
VCC=LDO5
-22.5
22.5
mV
•
VOUT Regulation Accuracy
Mid Output Range
0.6V to 3.2V
PWM Operation
-15
15
mV
0.6 ≤ VOUT ≤ 3.2V
-45
45
mV
•
-20
20
mV
0.6 ≤ VOUT ≤ 3.2V
VCC=LDO5
-50
50
mV
•
VOUT Regulation Accuracy
High Output Range
0.6V to 5.5V
PWM Operation
-30
30
mV
0.6 ≤ VOUT ≤ 5.5V
-90
90
mV
•
-40
40
mV
0.6 ≤ VOUT ≤ 4.2V
VCC=LDO5
-100
100
mV
•
VOUT Regulation Range
0.6
5.5
V
•
Without external divider network
VOUT Native Set Point
Resolution
12.5
25
50
mV
Low Range
Mid Range
High Range
VOUT Fine Set Point Resolution1
2.5
5
10
mV
Low Range
Mid Range
High Range
VOUT Input Resistance
120
90
75
kΩ
Low Range
Mid Range
High Range
VOUT Input Resistance in PFM
Operation
10
1
0.67
MΩ
Low Range
Mid Range
High Range
Power Good and OVP Set Point
Range (from set point)
-155
-310
-620
157.5
315
630
mV
Low Range
Mid Range
High Range
Power Good and OVP Set Point
Accuracy
-5
-10
-20
5
10
20
mV
Low Range
Mid Range
High Range
BFB Set Point Range
9
16
V
BFB Set Point Resolution
1
V
BFB Accuracy
-0.5
0.5
V
Note 1: Fine Set Point Resolution not available in PFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com