Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD734 Datasheet(PDF) 2 Page - Analog Devices

Part # AD734
Description  10 MHz, 4-Quadrant Multiplier/Divider
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD734 Datasheet(HTML) 2 Page - Analog Devices

  AD734 Datasheet HTML 1Page - Analog Devices AD734 Datasheet HTML 2Page - Analog Devices AD734 Datasheet HTML 3Page - Analog Devices AD734 Datasheet HTML 4Page - Analog Devices AD734 Datasheet HTML 5Page - Analog Devices AD734 Datasheet HTML 6Page - Analog Devices AD734 Datasheet HTML 7Page - Analog Devices AD734 Datasheet HTML 8Page - Analog Devices AD734 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. C
AD734–SPECIFICATIONS
TRANSFER FUNCTION
W
= A
O
X1 − X2
() Y
1 − Y2
()
U1 −U2
()
− Z
1 − Z2
()


AB
S
Parameter
Conditions
Min Typ Max
Min Typ Max
Min Typ Max
Units
MULTIPLIER PERFORMANCE
Transfer Function
W = XY/10
W = XY/10
W = XY/10
Total Static Error1
–10 V
≤ X, Y ≤ 10 V
0.1
0.4
0.1
0.25
0.1
0.4
%
Over TMIN to TMAX
1
0.6
1.25
%
vs. Temperature
TMIN to TMAX
0.004
0.003
0.004
%/
°C
vs. Either Supply
±V
S = 14 V to 16 V
0.01 0.05
0.01 0.05
0.01 0.05
%/V
Peak Nonlinearity
–10 V
≤ X ≤ +10 V, Y = +10 V
0.05
0.05
0.05
%
–10 V
≤ Y ≤ +10 V, X = +10 V
0.025
0.025
0.025
%
THD2
X = 7 V rms, Y = +10 V, f
≤ 5 kHz
–58
–66
–58
dBc
TMIN to TMAX
–55
–63
–55
dBc
Y = 7 V rms, X = +10 V, f
≤ 5 kHz
–60
–80
–60
dBc
TMIN to TMAX
–57
–74
–57
dBc
Feedthrough
X = 7 V rms, Y = nulled, f
≤ 5 kHz
–85
–60
–85
–70
–85
–60
dBc
Y = 7 V rms, X = nulled, f
≤ 5 kHz
–85
–66
–85
–76
–85
–66
dBc
Noise (RTO)
X = Y = 0
Spectral Density
100 Hz to 1 MHz
1.0
1.0
1.0
µV/√Hz
Total Output Noise
10 Hz to 20 kHz
–94
–88
–94
–88
–94
–88
dBc
TMIN to TMAX
–85
–85
–85
dBc
DIVIDER PERFORMANCE (Y = 10 V)
Transfer Function
W = XY/U
W = XY/U
W = XY/U
Gain Error
Y = 10 V, U = 100 mV to 10 V
1
1
1
%
X Input Clipping Level
Y
≤ 10 V
1.25
× U
1.25
× U
1.25
× UV
U Input Scaling Error3
0.3
0.15
0.3
%
TMIN to TMAX
0.8
0.65
1
%
(Output to 1%)
U = 1 V to 10 V Step, X = 1 V
100
100
100
ns
INPUT INTERFACES (X, Y, & Z)
3 dB Bandwidth
40
40
40
MHz
Operating Range
Differential or Common Mode
±12.5
±12.5
±12.5
V
X Input Offset Voltage
15
5
15
mV
TMIN to TMAX
25
15
25
mV
Y Input Offset Voltage
10
5
10
mV
TMIN to TMAX
12
6
12
mV
Z Input Offset Voltage
20
10
20
mV
TMIN to TMAX
50
50
90
mV
Z Input PSRR (Either Supply)
f
≤ 1 kHz
54
70
66
70
54
70
dB
TMIN to TMAX
50
56
50
dB
CMRR
f = 5 kHz
70
85
70
85
70
85
dB
Input Bias Current (X, Y, Z Inputs)
50
300
50
150
50
300
nA
TMIN to TMAX
400
300
500
nA
Input Resistance
Differential
50
50
50
k
Ω
Input Capacitance
Differential
2
2
2
pF
DENOMINATOR INTERFACES (U0, U1, & U2)
Operating Range
VN to VP-3
VN to VP-3
VN to VP-3
V
Denominator Range
1000:1
1000:1
1000:1
Interface Resistor
U1 to U2
28
28
28
k
Ω
OUTPUT AMPLIFIER (W)
Output Voltage Swing
TMIN to TMAX
±12
±12
±12
V
Open-Loop Voltage Gain
X = Y = 0, Input to Z
72
72
72
dB
Dynamic Response
From X or Y Input, CL
≤ 20 pF
3 dB Bandwidth
W
≤ 7 V rms
8
10
8
10
8
10
MHz
Slew Rate
450
450
450
V/
µs
Settling Time
+20 V or –20 V Output Step
To 1%
125
125
125
ns
To 0.1%
200
200
200
ns
Short-Circuit Current
TMIN to TMAX
20
50
80
20
50
80
20
50
80
mA
POWER SUPPLIES,
±V
S
Operating Supply Range
±8
±16.5 ±8
±16.5 ±8
±16.5 V
Quiescent Current
TMIN to TMAX
6912
6912
6912
mA
NOTES
1Figures given are percent of full scale (e.g., 0.01% = 1 mV).
2dBc refers to deciBels relative to the full-scale input (carrier) level of 7 V rms.
3See Figure 10 for test circuit.
All min and max specifications are guaranteed.
Specifications subject to change without notice.
(TA = +25 C, +VS = VP = +15 V, –VS = VN = –15 V, RL ≥ 2 k )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com