Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7417 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7417
Description  10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7417 Datasheet(HTML) 2 Page - Analog Devices

  AD7417 Datasheet HTML 1Page - Analog Devices AD7417 Datasheet HTML 2Page - Analog Devices AD7417 Datasheet HTML 3Page - Analog Devices AD7417 Datasheet HTML 4Page - Analog Devices AD7417 Datasheet HTML 5Page - Analog Devices AD7417 Datasheet HTML 6Page - Analog Devices AD7417 Datasheet HTML 7Page - Analog Devices AD7417 Datasheet HTML 8Page - Analog Devices AD7417 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. G
–2–
AD7416/AD7417/AD7418
(VDD = 2.7 V to 5.5 V, GND = 0 V, REFIN = 2.5 V, unless otherwise noted.)
Parameter
A Version
B Version
1
Unit
Test Conditions/Comments
DC ACCURACY
Any Channel.
Resolution
10
10
Bits
Minimum Resolution for Which No
Missing Codes Are Guaranteed
10
10
Bits
Relative Accuracy2
±1
±1LSB max
This Specification Is Typical for VDD of
3.6 V to 5.5 V.
Differential Nonlinearity
2
±1
±1LSB max
This Specification Is Typical for VDD of
3.6 V to 5.5 V.
Gain Error
2
±3
±3LSB max
External Reference.
±10
±10
LSB max
Internal Reference.
Gain Error Match2
±0.6
±0.6
LSB max
AD7417 Only.
Offset Error
2
±4
±4LSB max
Offset Error Match
±0.7
±0.7
LSB max
AD7417 Only.
ANALOG INPUTS
Input Voltage Range
VREF
VREF
V max
00
V min
Input Leakage Current
3
±1
±1
µA max
Input Capacitance
10
10
pF max
TEMPERATURE SENSOR
1
Measurement Error
Ambient Temperature 25
°C
±2
±1
°C max
TMIN to TMAX
±3
±2
°C max
Temperature Resolution
1/4
1/4
°C/LSB
CONVERSION RATE
Track-and-Hold Acquisition Time4
400
400
ns max
Source Impedance < 10
Ω.
Conversion Time
Temperature Sensor
30
30
µs max
Typically 27
µs.
Channels 1 to 4
15
15
µs max
Typically 10
µs.
REFERENCE INPUT
5, 6
REFIN Input Voltage Range
6
2.625
2.625
V max
2.5 V + 5%.
2.375
2.375
V min
2.5 V – 5%.
Input Impedance
40
40
k
Ω min
Input Capacitance
10
10
pF max
ON-CHIP REFERENCE
Nominal 2.5 V.
Reference Error
6
±25
±25
mV max
Temperature Coefficient
6
80
80
ppm/
°C typ
DIGITAL INPUTS
Input High Voltage, VIH
VDD
× 0.7
VDD
× 0.7
V min
Input Low Voltage, VIL
VDD
× 0.3
VDD
× 0.3
V max
Input Leakage Current
1
1
µA max
DIGITAL OUTPUTS
Output Low Voltage, VOL
0.4
0.4
V max
IOL = 3 mA.
Output High Current
1
1
µA max
VOH = 5 V.
POWER REQUIREMENTS
VDD
5.5
5.5
V max
For Specified Performance.
2.7
2.7
V min
IDD
Logic Inputs = 0 V or VDD.
Normal Operation
600
600
µA max
Power-Down
1
1
µA max
50 nA Typically.
Auto Power-Down Mode
VDD = 3 V. See Operating Modes.
10 SPS Throughput Rate
6
6
µW typ
1 kSPS Throughput Rate
60
60
µW typ
10 kSPS Throughput Rate
600
600
µW typ
Power-Down
3
3
µW max
Typically 0.15
µW.
AD7417/AD7418–SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com