Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOK15B60D Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOK15B60D
Description  600V, 15A Alpha IGBT with Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOK15B60D Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOK15B60D Datasheet HTML 1Page - Alpha & Omega Semiconductors AOK15B60D Datasheet HTML 2Page - Alpha & Omega Semiconductors AOK15B60D Datasheet HTML 3Page - Alpha & Omega Semiconductors AOK15B60D Datasheet HTML 4Page - Alpha & Omega Semiconductors AOK15B60D Datasheet HTML 5Page - Alpha & Omega Semiconductors AOK15B60D Datasheet HTML 6Page - Alpha & Omega Semiconductors AOK15B60D Datasheet HTML 7Page - Alpha & Omega Semiconductors AOK15B60D Datasheet HTML 8Page - Alpha & Omega Semiconductors AOK15B60D Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AOK15B60D
Symbol
Min
Typ
Max
Units
BV CES
Collector-Emitter Breakdown Voltage
600
-
-
V
TJ=25°C
-
1.6
1.8
TJ=125°C
-
1.85
-
TJ=175°C
-
1.99
-
TJ=25°C
-
1.43
1.72
TJ=125°C
-
1.39
-
TJ=175°C
-
1.32
-
V GE(th)
Gate-Emitter Threshold Voltage
-
5.8
-
V
TJ=25°C
-
-
10
TJ=125°C
-
-
300
TJ=175°C
-
-
3000
I GES
Gate-Emitter leakage current
-
-
±100
nA
g FS
-
7.7
-
S
C ies
-
1290
-
pF
C oes
-
97
-
pF
C res
-
3.1
-
pF
Q g
-
25.4
-
nC
Q ge
-
9.5
-
nC
Q gc
-
8.3
-
nC
I C(SC)
-
74
-
A
R g
-
2.4
-
Ω
t D(on)
-
23
-
ns
t r
-
27
-
ns
Collector-Emitter Saturation Voltage
Output Capacitance
Input Capacitance
I CES
Zero Gate Voltage Collector Current
V F
Diode Forward Voltage
DYNAMIC PARAMETERS
µA
VCE=VGE, IC=1mA
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Reverse Transfer Capacitance
VGE=0V, VCE=25V, f=1MHz
VCE=20V, IC=15A
VCE=0V, VGE=±20V
Forward Transconductance
V CE(sat)
IC=1mA, VGE=0V, TJ=25°C
VGE=15V, IC=15A
V
VCE=600V, VGE=0V
VGE=0V, IC=15A
V
Gate to Collector Charge
Gate to Emitter Charge
VGE=15V, VCE=480V, IC=15A
SWITCHING PARAMETERS, (Load Inductive, TJ=25°C)
Short circuit collector current, Max.
1000 short circuits, Delay between
short circuits ≥ 1.0s
VGE=15V, VCE=400V, RG=20Ω
Total Gate Charge
Gate resistance
VGE=0V, VCE=0V, f=1MHz
Turn-On Rise Time
Turn-On DelayTime
TJ=25°C
t r
-
27
-
ns
t D(off)
-
74
-
ns
t f
-
8
-
ns
E on
-
0.51
-
mJ
E off
-
0.11
-
mJ
E total
-
0.62
-
mJ
t rr
-
196
-
ns
Q rr
-
0.48
-
µC
I rm
-
5.8
-
A
t D(on)
-
20
-
ns
t r
-
28
-
ns
t D(off)
-
95
-
ns
t f
-
10
-
ns
E on
-
0.69
-
mJ
E off
-
0.2
-
mJ
E total
-
0.89
-
mJ
t rr
-
235
-
ns
Q rr
-
1.1
-
µC
I rm
-
8.5
-
A
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Turn-Off Energy
Turn-On Rise Time
SWITCHING PARAMETERS, (Load Inductive, TJ=175°C)
Diode Reverse Recovery Time
Diode Reverse Recovery Charge
Diode Peak Reverse Recovery Current
TJ=25°C
IF=15A,dI/dt=200A/µs,VCE=400V
Turn-Off Delay Time
TJ=25°C
VGE=15V, VCE=400V, IC=15A,
RG=20Ω,
Parasitic
Ιnductance=150nH
Total Switching Energy
Turn-Off Fall Time
Turn-On Energy
TJ=175°C
IF=15A,dI/dt=200A/µs,VCE=400V
Diode Reverse Recovery Charge
Diode Peak Reverse Recovery Current
Turn-On DelayTime
TJ=175°C
VGE=15V, VCE=400V, IC=15A,
RG=20Ω,
Parasitic Inductance
=150nH
Turn-On Rise Time
Turn-Off Delay Time
Turn-Off Fall Time
Turn-On Energy
Diode Reverse Recovery Time
Turn-Off Energy
Total Switching Energy
Rev1: Nov 2012
www.aosmd.com
Page 2 of 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com