Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD210T4 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MJD210T4
Description  SILICON POWER TRANSISTORS 5 AMPERES 25 VOLTS 12.5 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJD210T4 Datasheet(HTML) 3 Page - Motorola, Inc

  MJD210T4 Datasheet HTML 1Page - Motorola, Inc MJD210T4 Datasheet HTML 2Page - Motorola, Inc MJD210T4 Datasheet HTML 3Page - Motorola, Inc MJD210T4 Datasheet HTML 4Page - Motorola, Inc MJD210T4 Datasheet HTML 5Page - Motorola, Inc MJD210T4 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJD200 MJD210
3
Motorola Bipolar Power Transistor Device Data
IC, COLLECTOR CURRENT (AMP)
IC, COLLECTOR CURRENT (AMP)
IC, COLLECTOR CURRENT (AMP)
Figure 5. DC Current Gain
Figure 6. “On” Voltage
IC, COLLECTOR CURRENT (AMP)
200
400
0.07 0.1
0.3
5
0.05
100
80
60
40
0.2
IC, COLLECTOR CURRENT (AMP)
Figure 7. Temperature Coefficients
20
0.7
1
3
2
0.5
25
°C
TJ = 150°C
– 55
°C
2
0.05
IC, COLLECTOR CURRENT (AMP)
5
1.6
1.2
0.8
0.4
0
3
2
0.07
0.2
0.1
0.5
0.3
1
0.7
TJ = 25°C
NPN
MJD200
PNP
MJD210
VCE = 1 V
VCE = 2 V
5
0.05
3
200
400
100
80
60
40
20
25
°C
TJ = 150°C
– 55
°C
VCE = 1 V
VCE = 2 V
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 1 V
θVC for VCE(sat)
θVB for VBE
2
0.05
1.6
1.2
0.8
0.4
0
3
2
0.07
0.2
0.1
0.5
0.3
1
0.7
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 1 V
+ 2.5
+ 2
+ 1.5
+ 1
0
– 0.5
– 1
– 1.5
– 2
+ 0.5
– 2.5
0.07 0.1
0.3
5
0.05
0.2
0.7
1
3
2
0.5
*APPLIES FOR IC/IB ≤ hFE/3
25
°C to 150°C
– 55
°C to 25°C
25
°C to 150°C
– 55
°C to 25°C
+ 2.5
+ 2
+ 1.5
+ 1
0
– 0.5
– 1
– 1.5
– 2
+ 0.5
– 2.5
0.07 0.1
0.3
5
0.05
0.2
0.7
1
3
2
0.5
5
0.07 0.1
0.3
0.2
0.7
1
2
0.5
*APPLIES FOR IC/IB ≤ hFE/3
*
θVC for VCE(sat)
θVB for VBE
25
°C to 150°C
– 55
°C to 25°C
25
°C to 150°C
– 55
°C to 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com