Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7416ARM Datasheet(PDF) 16 Page - Analog Devices

Part # AD7416ARM
Description  10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7416ARM Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7416ARM Datasheet HTML 12Page - Analog Devices AD7416ARM Datasheet HTML 13Page - Analog Devices AD7416ARM Datasheet HTML 14Page - Analog Devices AD7416ARM Datasheet HTML 15Page - Analog Devices AD7416ARM Datasheet HTML 16Page - Analog Devices AD7416ARM Datasheet HTML 17Page - Analog Devices AD7416ARM Datasheet HTML 18Page - Analog Devices AD7416ARM Datasheet HTML 19Page - Analog Devices AD7416ARM Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
REV. G
–16–
AD7416/AD7417/AD7418
FAN CONTROLLER
Figure 14 shows a simple fan controller that will switch ON a
cooling fan when the temperature exceeds 80
°C and switch it
OFF again when the temperature falls below 75
°C. The AD7416
can be used standalone in this application or with a serial bus
interface if different trip temperatures are required. If the AD7416
is used with a bus interface, the sense of OTI can be set to active
high, Q1 and R1 can be omitted, and OTI can be connected
directly to the gate of Q2 with R2 as the pull-up resistor.
VDD
3V TO 5.5V
AD7416
R1
10k
Q1
2N3904
OR SIMILAR
R2
10k
Q2
LOGIC LEVEL
MOSFET RATED
TO SUIT FAN
CURRENT
12V
Figure 14. AD7416 Used as a Fan Controller
THERMOSTAT
Figure 15 shows the AD7416 used as a thermostat. The heater
will be switched ON when the temperature falls below THYST
and switched OFF again when the temperature rises above
TOTI. For this application and for comparator mode, the OTI
output should be programmed active low.
VDD
3V TO
5.5V
AD7416
R1
10k
Q1
2N3904
OR SIMILAR
RELAY
D1
1N4001
HEATER
HEATER
SUPPLY
RLA1
Figure 15. AD7416 Used as a Thermostat
SYSTEM WITH MULTIPLE AD7416S
The three LSBs of the AD7416’s serial address can be set by the
user, allowing eight different addresses from 1001000 to 1001111.
Figure 16 shows a system in which eight AD7416s are connected
to a single serial bus, with their OTI outputs wire-ANDed
together to form a common interrupt line. This arrangement
does mean that each device must be read to determine which
one has generated the interrupt, and if a unique interrupt is
required for each device, the OTI outputs can be connected
separately to the I/O chip.
VDD
3V TO 5.5V
R1
10k
Figure 16. Multiple Connection of AD7416s to a Single Serial Bus
100ns
40 s
CONVST
Figure 17.
CONVST When Temperature Channel Selected
100ns
15 s
CONVST
Figure 18.
CONVST When V
IN Channel(s) Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com