Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5161 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # AS5161
Description  12-Bit Magnetic Angle Position Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5161 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button AS5161 Datasheet HTML 23Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 24Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 25Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 26Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 27Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 28Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 29Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 30Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
AS5161
Datasheet - Application In form atio n
www.ams.com
Revision 1.1
27 - 35
9.5 READ Only Register Map
Table 16. Read Only Registers
Data Byte
Bit Number
Symbol
Default
Description
DATA0 (0x28)
0
Not used
0
A read command returns 0
1
OFFSETFINISHED
0
Offset compensation finished
2
AGCFINISHED
0
AGC loop compensation finished
3
CORDICOVF
0
Overflow of the Cordic
4
AGCALARML
0
AGC loop saturation because of B field
too strong
5
AGCALARMH
0
AGC loop saturation because of B field
too weak
6OTP_RES
0
0=1K resistance selected for OTP
download;
1=10K resistance selected for OTP
download
7
PARITY_ERR
0
UART parity error flag
DATA1 (0x29)
0
CORDICOUT<0>
0
Cordic Output
1
CORDICOUT<1>
0
2
CORDICOUT<2>
0
3
CORDICOUT<3>
0
4
CORDICOUT<4>
0
5
CORDICOUT<5>
0
6
CORDICOUT<6>
0
7
CORDICOUT<7>
0
DATA2 (0x2A)
0
CORDICOUT<8>
0
1
CORDICOUT<9>
0
2
CORDICOUT<10>
0
3
CORDICOUT<11>
0
4
CORDICOUT<12>
0
5
CORDICOUT<13>
0
6
Not used
0
A read command returns all data bits
at 0
7
Not used
0
DATA3 (0x2B)
0DSPOUT<0>
0
DSP Output
1DSPOUT<1>
0
2DSPOUT<2>
0
3DSPOUT<3>
0
4DSPOUT<4>
0
5DSPOUT<5>
0
6DSPOUT<6>
0
7DSPOUT<7>
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com