Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5262 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AS5262
Description  12-Bit Magnetic Angle Position Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5262 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AS5262 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS5262 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AS5262
Datasheet - Detailed Descr i p ti on
www.ams.com
Revision 1.1
13 - 36
8.2.6 Linearization of the Output
To improve the system linearity an additional 2 point linearization function is implemented in the AS5262.
Figure 10. Linearization of the Output Characteristic
8.2.7 Resolution of Parameters
The programming parameters have a wide resolution of up to 14 bits.
Table 8. Resolution of the Programming Parameters
Symbol
Parameter
Resolution
Note
T1
Mechanical angle start point
14 bits
T2
Mechanical angle stop point
14 bits
T1Y
Mechanical start voltage level
12 bits
T2Y
Mechanical stop voltage level
12 bits
CLL
Clamping level low
9 bits
CLH
Clamping level high
9 bits
BP
Break point
14 bits
C1
Calibration Point 1
4 bits
C2
Calibration Point 2
4 bits
C1Y
Trim value C1
3 bits
C2Y
Trim value C2
3 bits
T1
T2
100%VDD
0
T1Y
T2Y
CLL
CLH
C1
C2
C1Y
C2Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com