Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE12M0G55-R0 Datasheet(PDF) 11 Page - Microchip Technology

Part # CSTCE12M0G55-R0
Description  Breakout Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CSTCE12M0G55-R0 Datasheet(HTML) 11 Page - Microchip Technology

Back Button CSTCE12M0G55-R0 Datasheet HTML 7Page - Microchip Technology CSTCE12M0G55-R0 Datasheet HTML 8Page - Microchip Technology CSTCE12M0G55-R0 Datasheet HTML 9Page - Microchip Technology CSTCE12M0G55-R0 Datasheet HTML 10Page - Microchip Technology CSTCE12M0G55-R0 Datasheet HTML 11Page - Microchip Technology CSTCE12M0G55-R0 Datasheet HTML 12Page - Microchip Technology CSTCE12M0G55-R0 Datasheet HTML 13Page - Microchip Technology CSTCE12M0G55-R0 Datasheet HTML 14Page - Microchip Technology CSTCE12M0G55-R0 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
MCP2210 BREAKOUT MODULE
USER’S GUIDE
© 2012 Microchip Technology Inc.
DS52056A-page 11
Chapter 2. Installation and Operation
2.1
INTRODUCTION
The MCP2210 Breakout Module is designed to demonstrate the device as a
USB-to-SPI (Master) bridge solution.
The package is comprised of a single board and has the following features:
• Small plug-in board with DIP form factor (600 millimeters overall row spacing
between pins)
• Mini-USB connector
• Access to SPI bus and all GP signals through USB port
• PICkit™ Serial Analyzer compatible header
• 3.3 or 5V jumper selectable V
DD; the breakout board can be used to supply up to
500 mA to the rest of the system. The board already provides a signal trace
between the V
DD and the 3.3V rail. For systems requiring 5V VDD power supply,
VDD header must be mounted on the board. A jumper will close the middle pin and
the 5V pin.
2.2
BOARD SETUP
Follow these steps to set up the MCP2210 Breakout Module:
1.
Download the support material (PC applications and DLL libraries) that can be
found on the board’s page, on the Microchip web site.
2.
Attach the MCP2210 Breakout Module to a board that has one or more SPI slave
devices attached to a bus (SPI).
3.
Plug the MCP2210 Breakout Module in to a PC.
4.
The computer operating system will automatically install the driver for this board.
When the installation is complete, the board is ready for operation.
5.
Install the downloaded PC software.
6.
Start the SPI Terminal utility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com