Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD746 Datasheet(PDF) 8 Page - Analog Devices

Part # AD746
Description  Dual Precision, 500 ns Settling, BiFET Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD746 Datasheet(HTML) 8 Page - Analog Devices

  AD746 Datasheet HTML 1Page - Analog Devices AD746 Datasheet HTML 2Page - Analog Devices AD746 Datasheet HTML 3Page - Analog Devices AD746 Datasheet HTML 4Page - Analog Devices AD746 Datasheet HTML 5Page - Analog Devices AD746 Datasheet HTML 6Page - Analog Devices AD746 Datasheet HTML 7Page - Analog Devices AD746 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD746
–8–
REV. B
Figure 28. THD vs. Frequency Using Standard Distortion
Analyzer
20k
Ω
2.21k
Ω
2k
Ω
2k
Ω
SINE WAVE
GENERATOR
20V p-p
OUTPUT
LEVEL
20V p-p
1
2
3
4
VOUT
#1
–
+
1/2
AD746
+
–VS
1
µF
0.1
µF
7
6
5
8
–
+
1/2
AD746
VOUT
#2
+VS
+
1
µF
0.1
µF
CROSSTALK = 20 LOG10
VOUT #1
VOUT #2
+ 20dB
Figure 29. Crosstalk Test Circuit
Figure 30. Crosstalk vs. Frequency
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Mini-DIP (N) Package
Cerdip (Q) Package
Plastic Small Outline
(R) Package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com