Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD736JRZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD736JRZ
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD736JRZ Datasheet(HTML) 8 Page - Analog Devices

  AD736JRZ Datasheet HTML 1Page - Analog Devices AD736JRZ Datasheet HTML 2Page - Analog Devices AD736JRZ Datasheet HTML 3Page - Analog Devices AD736JRZ Datasheet HTML 4Page - Analog Devices AD736JRZ Datasheet HTML 5Page - Analog Devices AD736JRZ Datasheet HTML 6Page - Analog Devices AD736JRZ Datasheet HTML 7Page - Analog Devices AD736JRZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD736
REV. C
–8–
The input coupling capacitor, CC, in conjunction with the 8 kΩ
internal input scaling resistor, determine the –3 dB low fre-
quency rolloff. This frequency, FL, is equal to:
F
L =
1
2
π(8,000)(TheValue of C
C in Farads )
Note that at FL, the amplitude error will be approximately
–30% (–3 dB) of reading. To reduce this error to 0.5% of read-
ing, choose a value of CC that sets FL at one tenth the lowest
frequency to be measured.
In addition, if the input voltage has more than 100 mV of dc
offset, than the ac coupling network shown in Figure 21 should
be used in addition to capacitor CC.
Applications Circuits
Figure 19. AD736 with a High Impedance Input Attenuator
Figure 20. Differential Input Connection
Figure 21. External Output VOS Adjustment
Figure 22. Battery Powered Option
Figure 23. Low Z, AC Coupled Input Connection
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com