Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD736JRZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD736JRZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD736JRZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD736JRZ-R7 Datasheet HTML 1Page - Analog Devices AD736JRZ-R7 Datasheet HTML 2Page - Analog Devices AD736JRZ-R7 Datasheet HTML 3Page - Analog Devices AD736JRZ-R7 Datasheet HTML 4Page - Analog Devices AD736JRZ-R7 Datasheet HTML 5Page - Analog Devices AD736JRZ-R7 Datasheet HTML 6Page - Analog Devices AD736JRZ-R7 Datasheet HTML 7Page - Analog Devices AD736JRZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD736
REV. C
–5–
Typical Characteristics–
Figure 10. Error vs. RMS Input
Voltage (Pin 2), Output Buffer Off-
set Is Adjusted To Zero
Figure 13. Pin 2 Input Bias Current
vs. Supply Voltage
CALCULATING SETTLING TIME USING FIGURE 14
The graph of Figure 14 may be used to closely approximate the
time required for the AD736 to settle when its input level is re-
duced in amplitude. The net time required for the rms converter
to settle will be the difference between two times extracted from
the graph – the initial time minus the final settling time. As an
example, consider the following conditions: a 33
µF averaging
capacitor, an initial rms input level of 100 mV and a final (re-
duced) input level of 1 mV. From Figure 14, the initial settling
time (where the 100 mV line intersects the 33
µF line) is around
80 ms.
The settling time corresponding to the new or final input level
of 1 mV is approximately 8 seconds. Therefore, the net time for
the circuit to settle to its new value will be 8 seconds minus
80 ms which is 7.92 seconds. Note that, because of the smooth
decay characteristic inherent with a capacitor/diode combina-
tion, this is the total settling time to the final value (i.e., not the
settling time to 1%, 0.1%, etc., of final value). Also, this graph
provides the worst case settling time, since the AD736 will settle
very quickly with increasing input levels.
Figure 11. CAV vs. Frequency for
Specified Averaging Error
Figure 14. Settling Time vs. RMS
Input Level for Various
Values of CAV
Figure 12. RMS Input Level vs.
Frequency for Specified Averag-
ing Error
Figure 15. Pin 2 Input Bias Cur-
rent vs. Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com