Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD744BQ Datasheet(PDF) 2 Page - Analog Devices

Part # AD744BQ
Description  Precision, 500 ns Settling BiFET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD744BQ Datasheet(HTML) 2 Page - Analog Devices

  AD744BQ Datasheet HTML 1Page - Analog Devices AD744BQ Datasheet HTML 2Page - Analog Devices AD744BQ Datasheet HTML 3Page - Analog Devices AD744BQ Datasheet HTML 4Page - Analog Devices AD744BQ Datasheet HTML 5Page - Analog Devices AD744BQ Datasheet HTML 6Page - Analog Devices AD744BQ Datasheet HTML 7Page - Analog Devices AD744BQ Datasheet HTML 8Page - Analog Devices AD744BQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV.C
–2–
AD744–SPECIFICATIONS (@ +25 C and 15 V dc, unless otherwise noted)
AD744J/A/S
AD744K/B/T
Model
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
1
Initial Offset
0.3
1.0
0.25
0.5
mV
Offset
TMIN to TMAX
2
1.0
mV
vs. Temp.
5
20
5
10
µV/°C
vs. Supply
2
82
95
88
100
dB
vs. Supply
TMIN to TMAX
82
88
dB
Long-Term Stability
15
15
µV/month
INPUT BIAS CURRENT
3
Either Input
VCM = 0 V
30
100
30
100
pA
Either Input @ TMAX =VCM = 0 V
J, K
70
°C
0.7
2.3
0.7
2.3
nA
A, B, C
85
°C
1.9
6.4
1.9
6.4
nA
S, T
125
°C
31
102
31
102
nA
Either Input
VCM = +10 V
40
150
40
150
pA
Offset Current
VCM = 0 V
20
50
10
50
pA
Offset Current @ TMAX =VCM = 0 V
J, K
70
°C
0.4
1.1
0.2
1.1
nA
A, B, C
85
°C
1.3
3.2
0.6
3.2
nA
S, T
125
°C20
52
10
52
nA
FREQUENCY RESPONSE
Gain BW, Small Signal
G = –1
8
13
9
13
MHz
Full Power Response
VO = 20 V p-p
1.2
1.2
MHz
Slew Rate, Unity Gain
G = –1
45
75
50
75
V/
µs
Settling Time to 0.01%
4
G = –1
0.5
0.75
0.5
0.75
µs
Total Harmonic
f = 1 kHz
Distortion
R1
≥ 2 kΩ
VO = 3 V rms
0.0003
0.0003
%
INPUT IMPEDANCE
Differential
3
10
12
||5.5
3
10
12
||5.5
Ω||pF
Common Mode
3
10
12
||5.5
3
10
12
||5.5
Ω||pF
INPUT VOLTAGE RANGE
Differential
5
± 20
± 20
V
Common-Mode Voltage
+14.5, –11.5
+14.5, –11.5
V
Over Max Operating Range
6
–11
+13
–11
+13
V
Common-Mode
Rejection Ratio
VCM =
±10 V
78
88
82
88
dB
TMIN to TMAX
76
84
80
84
dB
VCM =
±11 V
72
84
78
84
dB
TMIN to TMAX
70
80
74
80
dB
INPUT VOLTAGE NOISE
0.1 to 10 Hz
2
2
µV p-p
f = 10 Hz
45
45
nV/
√Hz
f = 100 Hz
22
22
nV/
√Hz
f = 1 kHz
18
18
nV/
√Hz
f = 10 kHz
16
16
nV/
√Hz
INPUT CURRENT NOISE
f = 1 kHz
0.01
0.01
pA/
√Hz
OPEN LOOP GAIN
7
VO =
±10 V
RLOAD
≥ 2 kΩ
200
400
250
400
V/mV
TMIN to TMAX
100
100
V/mV
OUTPUT CHARACTERISTICS
Voltage
RLOAD
≥ 2 kΩ
+13, –12.5
+13.9, –13.3
+13, –12.5
+13.9, –13.3
V
TMIN to TMAX
± 12
+13.8, –13.1
± 12
+13.8, –13.1
V
Current
Short Circuit
25
25
mA
Capacitive Load
8
Gain = –1
1000
1000
pF
POWER SUPPLY
Rated Performance
± 15
± 15
V
Operating Range
± 4.5
± 18
± 4.5
± 18
V
Quiescent Current
3.5
5.0
3.5
4.0
mA
NOTES
1Input offset voltage specifications are guaranteed after 5 minutes of operation at T
A = +25
°C.
2PSRR test conditions: +V
S = 15 V, –VS = –12 V to –18 V and +VS = +12 V to +18 V, –VS = –15 V.
3Bias Current Specifications are guaranteed maximum at either input after 5 minutes of operation at T
A = +25
°C. For higher temperature, the current doubles every 10°C.
4Gain = –1, R
L = 2 k, CL = 10 pF, refer to Figure 25.
5Defined as voltage between inputs, such that neither exceeds
±10 V from ground.
6Typically exceeding –14.1 V negative common-mode voltage on either input results in an output phase reversal.
7Open-Loop Gain is specified with V
OS both nulled and unnulled.
8Capacitive load drive specified for C
COMP = 20 pF with the device connected as shown in Figure 32. Under these conditions, slew rate = 14 V/
µs and 0.01% settling time = 1.5 µs typical.
Refer to Table II for optimum compensation while driving a capacitive load.
Specifications subject to change without notice. All min and max specifications are guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com