Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7482BST Datasheet(PDF) 12 Page - Analog Devices

Part # AD7482BST
Description  3MSPS, 12-Bit SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7482BST Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7482BST Datasheet HTML 8Page - Analog Devices AD7482BST Datasheet HTML 9Page - Analog Devices AD7482BST Datasheet HTML 10Page - Analog Devices AD7482BST Datasheet HTML 11Page - Analog Devices AD7482BST Datasheet HTML 12Page - Analog Devices AD7482BST Datasheet HTML 13Page - Analog Devices AD7482BST Datasheet HTML 14Page - Analog Devices AD7482BST Datasheet HTML 15Page - Analog Devices AD7482BST Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. 0
–12–
AD7482
The data lines D0 to D12 leave their high impedance state when
both the
CS and RD are logic low. Therefore, CS may be perma-
nently tied logic low if required, and the
RD signal may be used to
access the conversion result. Figure 15 shows a timing specification
called tQUIET. This is the amount of time that should be left after
any databus activity before the next conversion is initiated.
Writing to the AD7482
The AD7482 features a user-accessible offset register. This allows
the bottom of the transfer function to be shifted by
±200 mV.
This feature is explained in more detail in the Offset/Overrange
section.
To write to the offset register, a 13-bit word is written to the
AD7482 with the 10 LSBs containing the offset value in two’s
complement format. The 3 MSBs must be set to “0.” The offset
value must be within the range –327 to +327, corresponding to an
offset from –200 mV to +200 mV. The value written to the offset
register is stored and used until power is removed from the device,
or the device is reset. The value stored may be updated at any
time between conversions by another write to the device. Table IV
shows some examples of offset register values and their effective
offset voltage. Figure 16 shows a timing diagram for writing to
the AD7482.
Table IV. Offset Register Examples
D9–D0
(Two’s
Offset
Code (Dec)
D12–D10
Complement)
(mV)
–327
000
1010111001
–200
–128
000
1110000000
–78.12
+64
000
0001000000
+39.06
+327
000
0101000111
+200
Driving the
CONVST Pin
To achieve the specified performance from the AD7482, the
CONVST Pin must be driven from a low jitter source. Since the
falling edge on the
CONVST Pin determines the sampling instant,
any jitter that may exist on this edge will appear as noise when
the analog input signal contains high frequency components. The
relationship between the analog input frequency (fIN), timing
jitter (tj), and resulting SNR is given by the equation:
SNR
dB
ft
JITTER
IN
j
()
()
=
××
10
1
2
2
log
π
As an example, if the desired SNR due to jitter was 100 dB with a
maximum full-scale analog input frequency of 1.5 MHz, ignor-
ing all other noise sources, the result is an allowable jitter on the
CONVST falling edge of 1.06 ps. For a 12-bit converter (ideal
SNR = 74 dB), the allowable jitter will be greater than the figure
given above, but due consideration must be given to the design
of the
CONVST circuitry to achieve 12-bit performance with
large analog input frequencies.
PARALLEL INTERFACE
The AD7482 features two parallel interfacing modes. These
modes are selected by the mode pins as detailed in Table III.
Table III. Operating Modes
Mode 2
Mode 1
Do Not Use
0
0
Parallel Mode 1
0
1
Parallel Mode 2
1
0
Do Not Use
1
1
In Parallel Mode 1, the data in the output register is updated on
the rising edge of
BUSY at the end of a conversion and is avail-
able for reading almost immediately afterward. Using this mode,
throughput rates of up to 2.5 MSPS can be achieved. This
mode should be used if the conversion data is required immedi-
ately after the conversion has completed. An example where this
may be of use is if the AD7482 was operating at much lower
throughput rates in conjunction with the NAP Mode (for
power-saving reasons), and the input signal was being compared
with set limits within the DSP or other controller. If the limits
were exceeded, the ADC would then be brought immediately
into full power operation and commence sampling at full speed.
Figure 17 shows a timing diagram for the AD7482 operating in
Parallel Mode 1 with both
CS and RD tied low.
In Parallel Mode 2, the data in the output register is not updated
until the next falling edge of
CONVST. This mode could be used
where a single sample delay is not vital to the system operation
and conversion speeds of greater than 2.5 MSPS are desired.
This may occur, for example, in a system where a large amount
of samples are taken at high speed before a Fast Fourier Trans-
form is performed for frequency analysis of the input signal.
Figure 18 shows a timing diagram for the AD7482 operating in
Parallel Mode 2 with both
CS and RD tied low.
Data must not be read from the AD7482 while a conversion is
taking place. For this reason, if operating the AD7482 at
throughput speeds greater than 2.5 MSPS, it will be necessary
to tie both
CS and RD Pins on the AD7482 low and use a
buffer on the data lines. This situation may also arise in the case
where a read operation cannot be completed in the time after
the end of one conversion and the start of the quiet period before
the next conversion.
The maximum slew rate at the input of the ADC should be
limited to 500 V/ s while
BUSY is low to avoid corrupting the
ongoing conversion. In any multiplexed application where the
channel is switched during conversion, this should happen as
early as possible after the
BUSY falling edge.
Reading Data from the AD7482
Data is read from the part via a 13-bit parallel databus with the
standard
CS and RD signals. The CS and RD signals are inter-
nally gated to enable the conversion result onto the databus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com