Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7478ART Datasheet(PDF) 9 Page - Analog Devices

Part # AD7478ART
Description  1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7478ART Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7478ART Datasheet HTML 5Page - Analog Devices AD7478ART Datasheet HTML 6Page - Analog Devices AD7478ART Datasheet HTML 7Page - Analog Devices AD7478ART Datasheet HTML 8Page - Analog Devices AD7478ART Datasheet HTML 9Page - Analog Devices AD7478ART Datasheet HTML 10Page - Analog Devices AD7478ART Datasheet HTML 11Page - Analog Devices AD7478ART Datasheet HTML 12Page - Analog Devices AD7478ART Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. D
Typical Performance Characteristics–AD7476/AD7477/AD7478
–9–
FREQUENCY – kHz
0
50
100
150
200
250
300
350
400
450
500
–15
–35
–55
–75
–95
–115
8192 POINT FFT
fSAMPLE = 1MSPS
fIN = 100kHz
SINAD = 71.67dB
THD = –81.00dB
SFDR = –81.63dB
0
TPC 1. AD7476 Dynamic Performance at 1 MSPS
FREQUENCY – kHz
0
50
100
150
200
250
300
–15
–35
–55
–75
–95
–115
–15
8192 POINT FFT
fSAMPLE = 600kSPS
fIN = 100kHz
SINAD = 71.71dB
THD = –80.88dB
SFDR = –83.23dB
TPC 2. AD7476 Dynamic Performance at 600 kSPS
FREQUENCY – kHz
0
50
100
150
200
250
300
350
400
450
500
–50
–60
–70
–80
–90
–100
8192 POINT FFT
fSAMPLE = 1MSPS
fIN = 100kHz
SINAD = 61.66dB
THD = –80.64dB
SFDR = –85.75dB
–40
–30
–20
–10
0
TPC 3. AD7477 Dynamic Performance at 1 MSPS
FREQUENCY – kHz
0
–10
050
150
200
250
300
350
400
450
500
100
–20
–30
–40
–50
–60
–70
–80
–90
8192 POINT FFT
fSAMPLE = 1MSPS
fIN = 100kHz
SINAD = 49.82dB
THD = –75.22dB
SFDR = –67.78dB
TPC 4. AD7478 Dynamic Performance at 1 MSPS
INPUT FREQUENCY – Hz
–66
10k
–67
–68
–69
–70
–71
–72
–73
100k
1M
VDD = 2.35V
VDD = 2.7V
VDD = 5.25V
VDD = 4.75V
VDD = 3.6V
SCLK = 20MHz
TPC 5. AD7476 SINAD vs. Input Frequency at 993 kSPS
INPUT FREQUENCY – Hz
–69.0
10k
–69.5
–70.0
–70.5
–71.0
–71.5
–72.0
–72.5
100k
1M
VDD = 2.35V
VDD = 2.7V
VDD = 5.25V
VDD = 4.75V
VDD = 3.6V
SCLK = 12MHz
TPC 6. AD7476 SINAD vs. Input Frequency at 605 kSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com