Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARLP11-3647 Datasheet(PDF) 1 Page - Allied Components International

Part # ARLP11-3647
Description  Single Port Low Profile RJ45
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

ARLP11-3647 Datasheet(HTML) 1 Page - Allied Components International

  ARLP11-3647 Datasheet HTML 1Page - Allied Components International ARLP11-3647 Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 03/23/12
All specifications subject to change without notice.
MECHANICAL
Single Port Low Profile RJ45
ARLP11-3647
10/100 Base-T Ethernet Application
Impedance: 100OHMS
Transmit open circuit inductance (OCL):
(OCL): 350uH (MIN) @100KHz,0.1VRMS with 8mA DC Bias
RJ45 jack cavity conforms to FCC rules and regulations Part 68, SUB Part F
Storage temperature range: -40ºC to +85ºC
Standard operating temp: 0ºC to +70ºC
Optional Gold Plating Thickness Available
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100kHz, 0.1V
Turns Ratio
chip: cable
(±3%)
Insertion Loss
(dB Max)
Return Loss
(dB Min)
With 8mA DC Bias
0.3-100MHz
30MHz
50MHz
ARLP11-3647
350
1CT:1CT
-1.0
-18
-15
80MHz
-12
Electrical Specifications @ 25°C
Part
Number
Cross Talk
(dB Min)
CMR
(dB Min)
HI-POT
(Vrms)
60MHz
100MHz
ARLP11-3647
-38
-38
1500
30MHz
-38
60MHz
100MHz
-40
-40
30MHz
-40
0.5mA/2Sec.
Dimensions are in mm


Similar Part No. - ARLP11-3647

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
ARLP11-3647I ALLIED-ARLP11-3647I Datasheet
612Kb / 2P
10/100 Base-T Ethernet Application
More results

Similar Description - ARLP11-3647

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
ARLP11-3646 ALLIED-ARLP11-3646 Datasheet
620Kb / 2P
Single Port Low Profile RJ45
AR11-3891 ALLIED-AR11-3891 Datasheet
481Kb / 2P
SINGLE PORT RJ45
ARLP11-4321 ALLIED-ARLP11-4321 Datasheet
703Kb / 2P
Single Port Low Profile RJ45
AR11-4064 ALLIED-AR11-4064 Datasheet
513Kb / 2P
Single Port RJ45
AR11-4077I ALLIED-AR11-4077I Datasheet
634Kb / 2P
SINGLE PORT RJ45
AR11-4160I ALLIED-AR11-4160I Datasheet
1Mb / 2P
SINGLE PORT RJ45
AR11-4390I ALLIED-AR11-4390I Datasheet
3Mb / 2P
SINGLE PORT RJ45
AR11-3893I ALLIED-AR11-3893I Datasheet
1,009Kb / 2P
SINGLE PORT RJ45
ARLP11-4466I ALLIED-ARLP11-4466I Datasheet
772Kb / 2P
Single Port Low Profile 10G RJ45
AR11-4009 ALLIED-AR11-4009 Datasheet
914Kb / 2P
Single Port RJ45
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com