Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSC-4001S Datasheet(PDF) 1 Page - Allied Components International

Part # ATSC-4001S
Description  T1/CEPT/ISDN-Pri Isolation Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

ATSC-4001S Datasheet(HTML) 1 Page - Allied Components International

  ATSC-4001S Datasheet HTML 1Page - Allied Components International ATSC-4001S Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
11/08/12
SCHEMATICS
Dimensions: inch/ mm
Unless otherwise specified, all tolerances are ± 0.010/ 0.25
0.476
(12.10)
0.051(1.30)
0.630
(16.00)
1.106(28.10)
0.018
(0.46)
0.950(24.13)
0.010
(0.25)
0.244
(6.20)max
0.092(2.34)
0.660(16.76)
0.050
(1.27)
0.030
(0.76)
0.050
(1.27)
0°-8°
ALLIED
DATECODE
ATSC-4001S
All specifications subject to change without notice.
MECHANICAL
T1/CEPT/ISDN-Pri Isolation Module
ATSC-4001S
Cw/w: 35PF Max 100KHz, 0.1V
LL: 0.8µH Max @ 100KHz, 0.1V
Operating Temp: 0ºC to 70ºC
40 Pin SMD Line Interface Filter Module
Telecom, WAN Applications
Electrical Specifications @ 25°C
Part
Number
OCL(mH Min)
@ 10KHz, 0.1V
Turns Ratio
chip: cable
( ±2%)
With 8mA DC Bias
ATSC-4001S
1.2
1CT:2CT
1500
Isolation HI-POT (Vrms)


Similar Part No. - ATSC-4001S

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
ATSC-1603I ALLIED-ATSC-1603I Datasheet
485Kb / 2P
T1/CEPT/ISDN-Pri Isolation Module
ATSC-3201I ALLIED-ATSC-3201I Datasheet
530Kb / 2P
T1/CEPT/ISDN-Pri Isolation Module
ATSC-3938I ALLIED-ATSC-3938I Datasheet
737Kb / 1P
T1/CEPT/ISDN-Pri Isolation Module
More results

Similar Description - ATSC-4001S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1572S PCA-EPR1572S Datasheet
41Kb / 1P
T1/E1/CEPT/ISDN-PRI Module
logo
Allied Components Inter...
ATSC-1603I ALLIED-ATSC-1603I Datasheet
485Kb / 2P
T1/CEPT/ISDN-Pri Isolation Module
ATSC-3201I ALLIED-ATSC-3201I Datasheet
530Kb / 2P
T1/CEPT/ISDN-Pri Isolation Module
logo
XFMRS Inc.
XF0013Q4AIT XFMRS-XF0013Q4AIT_15 Datasheet
89Kb / 1P
T1/CEPT/ISDN-PRI
XF0013T8 XFMRS-XF0013T8_15 Datasheet
43Kb / 1P
T1/CEPT/ISDN-PRI
XF0023E1 XFMRS-XF0023E1_15 Datasheet
44Kb / 1P
T1/CEPT/ISDN-PRI
XF0023E2 XFMRS-XF0023E2_15 Datasheet
33Kb / 1P
T1/CEPT/ISDN-PRI
XF0023E4 XFMRS-XF0023E4_15 Datasheet
33Kb / 1P
T1/CEPT/ISDN-PRI
XF0023E9 XFMRS-XF0023E9_15 Datasheet
41Kb / 1P
T1/CEPT/ISDN-PRI
logo
Allied Components Inter...
ATSC-3938I ALLIED-ATSC-3938I Datasheet
737Kb / 1P
T1/CEPT/ISDN-Pri Isolation Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com