Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HC5
Description  5.0kV 1.0A HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HC5 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HC5 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5.0kV 1.0A HIGH VOLTAGE DIODES
Maximum Reverse Recovery Time
Trr
at 25°C
HC5
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
1.0
155
125
-40 to +155
Units
kV
A
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
--
HC5
HC5
4.5
5.0
0.5
50
5.0
pF
HVCA
TM
=VRRM
R
=VRRM
--
nS
peak
=IF(AV)
Features
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Outline Drawings : mm
HC5
Cathode Mark
Type
Mark
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
Rectifier Blocks
High Voltage
Mounting
Slots
HC-SERIES
HIGH VOLTAGE RECTIFIER BLOCKS WITH
MOUNTING SLOTS.
HVCA
HC5


Similar Part No. - HC5

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
HC5 ILLINOISCAPACITOR-HC5 Datasheet
1Mb / 5P
High AC Voltage - High current
logo
LUMATIC LUBRICATION
HC5 LUMATIC-HC5 Datasheet
508Kb / 6P
GREASE NIPPLE MOXES
January 2000
logo
Power-One
HC5-6 POWER-ONE-HC5-6 Datasheet
478Kb / 9P
Linear Power Supplies Data Sheet
HC5-6 POWER-ONE-HC5-6 Datasheet
478Kb / 9P
Linear Power Supplies Data Sheet
logo
SL Power Electronics
HC5-6-OV-A+ SLPOWER-HC5-6-OV-A+ Datasheet
720Kb / 7P
Commercial/Medical International Linears
More results

Similar Description - HC5

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
BR3F GETEDZ-BR3F Datasheet
68Kb / 1P
3.0kV 1.0A HIGH VOLTAGE DIODES
BR5F GETEDZ-BR5F Datasheet
68Kb / 1P
5.0kV 0.8A HIGH VOLTAGE DIODES
SP5L GETEDZ-SP5L Datasheet
134Kb / 1P
5.0kV 270mA HIGH VOLTAGE DIODES
SP5LG GETEDZ-SP5LG Datasheet
148Kb / 1P
5.0kV 270mA HIGH VOLTAGE DIODES
HVP5 GETEDZ-HVP5 Datasheet
155Kb / 1P
5.0kV 750mA HIGH VOLTAGE DIODES
ESJA02-05S GETEDZ-ESJA02-05S_17 Datasheet
461Kb / 1P
20mA 5.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
HC05 GETEDZ-HC05_17 Datasheet
529Kb / 2P
1.0A 5.0kV-- Glass Passivated Rectifier Assembly
NV50FP GETEDZ-NV50FP_17 Datasheet
460Kb / 1P
20mA 5.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
SP5L GETEDZ-SP5L_17 Datasheet
534Kb / 2P
270mA 5.0kV 70nS -High Voltage Surface Mount Diodes
SP5LG GETEDZ-SP5LG_17 Datasheet
554Kb / 2P
270mA 5.0kV 70nS -High Voltage Surface Mount Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com