Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC12 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HC12
Description  12kV 0.8A HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HC12 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HC12 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12kV 0.8A HIGH VOLTAGE DIODES
Maximum Reverse Recovery Time
Trr
at 25°C
HC12
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
0.8
155
125
-40 to +155
Units
kV
A
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
--
HC12
HC12
10.5
5.0
0.5
50
12
pF
HVCA
TM
=VRRM
R
=VRRM
--
nS
peak
=IF(AV)
Features
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Outline Drawings : mm
HC12
Cathode Mark
Type
Mark
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
Rectifier Blocks
High Voltage
Mounting
Slots
HC-SERIES
HIGH VOLTAGE RECTIFIER BLOCKS WITH
MOUNTING SLOTS.
HVCA
HC12


Similar Part No. - HC12

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
HC12-17 HELLERMANNTYTON-HC12-17 Datasheet
70Kb / 1P
Wire and Cable Markers
logo
SL Power Electronics
HC12-3.4-A+ SLPOWER-HC12-3.4-A+ Datasheet
720Kb / 7P
Commercial/Medical International Linears
HC12-3.4-A+G SLPOWER-HC12-3.4-A+G Datasheet
374Kb / 7P
DC Power Supplies
logo
Power-One
HC12-3.4-AG POWER-ONE-HC12-3.4-AG Datasheet
478Kb / 9P
Linear Power Supplies Data Sheet
logo
HellermannTyton.
HC12-35 HELLERMANNTYTON-HC12-35 Datasheet
70Kb / 1P
Wire and Cable Markers
More results

Similar Description - HC12

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
BR12 GETEDZ-BR12 Datasheet
68Kb / 1P
12kV 350mA HIGH VOLTAGE DIODES
HVP-12 GETEDZ-HVP-12 Datasheet
127Kb / 1P
12kV 750mA HIGH VOLTAGE DIODES
HVRT120 GETEDZ-HVRT120 Datasheet
98Kb / 1P
12kV 30mA HIGH VOLTAGE DIODES
ESJA52-12A GETEDZ-ESJA52-12A Datasheet
75Kb / 1P
12kV 5mA HIGH VOLTAGE DIODES
SHV-12 GETEDZ-SHV-12 Datasheet
68Kb / 1P
12kV 5mA HIGH VOLTAGE DIODES
ESJC13-12 GETEDZ-ESJC13-12 Datasheet
69Kb / 1P
350mA 12kV HIGH VOLTAGE DIODES
HV600S12 GETEDZ-HV600S12 Datasheet
68Kb / 1P
600mA 12kV HIGH VOLTAGE DIODES
ESJA08-12 GETEDZ-ESJA08-12 Datasheet
63Kb / 1P
12kV 5mA HIGH VOLTAGE DIODES
2CL73 GETEDZ-2CL73_16 Datasheet
75Kb / 1P
5mA 12kV HIGH VOLTAGE DIODES
HVRT120 GETEDZ-HVRT120_16 Datasheet
90Kb / 1P
12kV 30mA HIGH VOLTAGE DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com