Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC15 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HC15
Description  15kV 0.7A HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HC15 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HC15 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15kV 0.7A HIGH VOLTAGE DIODES
Maximum Reverse Recovery Time
Trr
at 25°C
HC15
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
0.7
155
125
-40 to +155
Units
kV
A
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
--
HC15
HC5
14.0
5.0
0.5
50
15
pF
HVCA
TM
=VRRM
R
=VRRM
--
nS
peak
=IF(AV)
Features
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Outline Drawings : mm
HC15
Cathode Mark
Type
Mark
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
Rectifier Blocks
High Voltage
Mounting
Slots
HC-SERIES
HIGH VOLTAGE RECTIFIER BLOCKS WITH
MOUNTING SLOTS.
HVCA
HC15


Similar Part No. - HC15

ManufacturerPart #DatasheetDescription
logo
Power-One
HC15-3-A POWER-ONE-HC15-3-A Datasheet
478Kb / 9P
Linear Power Supplies Data Sheet
logo
SL Power Electronics
HC15-3-A+ SLPOWER-HC15-3-A+ Datasheet
720Kb / 7P
Commercial/Medical International Linears
HC15-3-A+G SLPOWER-HC15-3-A+G Datasheet
374Kb / 7P
DC Power Supplies
logo
Power-One
HC15-3-AG POWER-ONE-HC15-3-AG Datasheet
478Kb / 9P
Linear Power Supplies Data Sheet
logo
Texas Instruments
HC151 TI-HC151 Datasheet
450Kb / 15P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - HC15

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVP-15 GETEDZ-HVP-15 Datasheet
127Kb / 1P
15kV 750mA HIGH VOLTAGE DIODES
HVRT150 GETEDZ-HVRT150 Datasheet
98Kb / 1P
15kV 30mA HIGH VOLTAGE DIODES
HV600S15 GETEDZ-HV600S15 Datasheet
68Kb / 1P
500mA 15kV HIGH VOLTAGE DIODES
HV500F15 GETEDZ-HV500F15_16 Datasheet
68Kb / 1P
400mA 15kV HIGH VOLTAGE DIODES
HVRT150 GETEDZ-HVRT150_16 Datasheet
90Kb / 1P
15kV 30mA HIGH VOLTAGE DIODES
2CL15KV-1A GETEDZ-2CL15KV-1A Datasheet
248Kb / 2P
15kV 1.0A HIGH VOLTAGE DIODES
HVP15 GETEDZ-HVP15 Datasheet
159Kb / 1P
15kV 750mA HIGH VOLTAGE DIODES
HC15 GETEDZ-HC15_16 Datasheet
161Kb / 1P
15kV 1.0A HIGH VOLTAGE DIODES
ESJC60S15 GETEDZ-ESJC60S15 Datasheet
142Kb / 1P
500mA 15kV -High Voltage Power Diodes
HC15 GETEDZ-HC15_17 Datasheet
529Kb / 2P
0.7A 15kV-- Glass Passivated Rectifier Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com