Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7416EB Datasheet(PDF) 13 Page - Analog Devices

Part # EVAL-AD7416EB
Description  10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7416EB Datasheet(HTML) 13 Page - Analog Devices

Back Button EVAL-AD7416EB Datasheet HTML 9Page - Analog Devices EVAL-AD7416EB Datasheet HTML 10Page - Analog Devices EVAL-AD7416EB Datasheet HTML 11Page - Analog Devices EVAL-AD7416EB Datasheet HTML 12Page - Analog Devices EVAL-AD7416EB Datasheet HTML 13Page - Analog Devices EVAL-AD7416EB Datasheet HTML 14Page - Analog Devices EVAL-AD7416EB Datasheet HTML 15Page - Analog Devices EVAL-AD7416EB Datasheet HTML 16Page - Analog Devices EVAL-AD7416EB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. G
AD7416/AD7417/AD7418
–13–
the Address Pointer Register, followed by the data byte writ-
ten to the selected data register. This is illustrated in Figure 9.
3. Writing two bytes of data to the TOTI or THYST Register.
If 9-bit resolution is required for the temperature setpoints,
two bytes of data must be written to the TOTI and THYST
registers. This consists of the serial bus address, the register
address written to the address pointer register, followed by
two data bytes written to the selected data register. This is
illustrated in Figure 10.
READING DATA FROM THE AD7416/AD7417/AD7418
Reading data from the AD7416/AD7417/AD7418 is a one or
two byte operation. Reading back the contents of the Configura-
tion Register is a single byte read operation, as shown in Figure
11, the register address previously having been set by a single-
byte write operation to the Address Pointer Register.
Reading data from the temperature value, TOTI or THYST Regis-
ter, is a two-byte operation, as shown in Figure 12. It is also
possible to read the most significant bit of a 9-bit/10-bit register
in this manner.
R/
W
1
SCL
SDA
0
0
1
A2
A1
A0
P7
P6
P5
P4
P3
P2
P1
P0
ACK. BY
AD7416
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
19
1
ACK. BY
AD7416
9
D15
D14
D13
D12
D11
D10
D9
D8
ACK. BY
AD7416
STOP BY
MASTER
FRAME 3
MOST SIGNIFICANT DATA BYTE
19
SCL
(CONTINUED)
SDA
(CONTINUED)
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
AD7416
STOP BY
MASTER
FRAME 4
LEAST SIGNIFICANT DATA BYTE
19
Figure 10. Writing to the Address Pointer Register Followed by Two Bytes of Data to the TOTI or THYST Register
SDA
NO ACK. BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
SINGLE DATA BYTE FROM AD7416
ACK. BY
AD7416
19
1
9
D7
D6
D5
D4
D3
D2
D1
D0
R/
W
A0
A1
A2
1
0
1
SCL
STOP BY
MASTER
0
Figure 11. Reading a Single Byte of Data from the Configuration Register
R/
W
1
SCL
SDA
00
1
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
ACK. BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
MOST SIGNIFICANT DATA BYTE FROM AD7416
19
1
ACK. BY
AD7416
9
D7
D6
D5
D4
D3
D2
D1
D0
NO ACK. BY
MASTER
STOP BY
MASTER
FRAME 3
LEAST SIGNIFICANT DATA BYTE FROM AD7416
19
SCL (CONTINUED)
SDA (CONTINUED)
Figure 12. Reading Two Bytes of Data from the TOTI or THYST Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com