Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL9535APW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCAL9535APW
Description  Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9535APW Datasheet(HTML) 3 Page - NXP Semiconductors

  PCAL9535APW Datasheet HTML 1Page - NXP Semiconductors PCAL9535APW Datasheet HTML 2Page - NXP Semiconductors PCAL9535APW Datasheet HTML 3Page - NXP Semiconductors PCAL9535APW Datasheet HTML 4Page - NXP Semiconductors PCAL9535APW Datasheet HTML 5Page - NXP Semiconductors PCAL9535APW Datasheet HTML 6Page - NXP Semiconductors PCAL9535APW Datasheet HTML 7Page - NXP Semiconductors PCAL9535APW Datasheet HTML 8Page - NXP Semiconductors PCAL9535APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
PCAL9535A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 28 September 2012
3 of 46
NXP Semiconductors
PCAL9535A
Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
3.
Ordering information
3.1 Ordering options
4.
Block diagram
Table 1.
Ordering information
Type number
Topside
marking
Package
Name
Description
Version
PCAL9535AHF
L35A
HWQFN24
plastic thermal enhanced very very thin quad flat package;
no leads; 24 terminals; body 4
 4  0.75 mm
SOT994-1
PCAL9535APW
PCAL9535A
TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1
Table 2.
Ordering options
Type number
Orderable
part number
Package
Packing method
Minimum
order quantity
Temperature range
PCAL9535AHF
PCAL9535AHF,128
HWQFN24
Reel pack, SMD,
13-inch, Turned
6000
40 C to +85 C
PCAL9535APW
PCAL9535APW,118
TSSOP24
Reel pack, SMD,
13-inch
2500
40 C to +85 C
Remark: All I/Os are set to inputs at reset.
Fig 1.
Block diagram of PCAL9535A
PCAL9535A
POWER-ON
RESET
002aah425
I2C-BUS/SMBus
CONTROL
INPUT
FILTER
SCL
SDA
VDD
INPUT/
OUTPUT
PORTS
P0_0
VSS
8-bit
write pulse
read pulse
P0_2
P0_1
P0_3
P0_4
P0_5
P0_6
P0_7
INPUT/
OUTPUT
PORTS
P1_0
8-bit
write pulse
read pulse
P1_2
P1_1
P1_3
P1_4
P1_5
P1_6
P1_7
A1
A0
LP
FILTER
VDD
INT
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com