Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD766 Datasheet(PDF) 3 Page - Analog Devices

Part # AD766
Description  16-Bit DSP DACPORT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD766 Datasheet(HTML) 3 Page - Analog Devices

  AD766 Datasheet HTML 1Page - Analog Devices AD766 Datasheet HTML 2Page - Analog Devices AD766 Datasheet HTML 3Page - Analog Devices AD766 Datasheet HTML 4Page - Analog Devices AD766 Datasheet HTML 5Page - Analog Devices AD766 Datasheet HTML 6Page - Analog Devices AD766 Datasheet HTML 7Page - Analog Devices AD766 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD766
REV. A
–3–
WARNING!
ESD SENSITIVE DEVICE
ESD SENSITIVITY
The AD766 features input protection circuitry consisting of large “distributed” diodes and
polysilicon series resistors to dissipate both high energy discharges (Human Body Model) and
fast, low energy pulses (Charged Device Model). Per Method 3015.2 of MIL-STD-883C, the
AD766 has been classified as a Category 1 Device.
Proper ESD precautions are strongly recommended to avoid functional damage or perfor-
mance degradation. Charges as high as 4000 volts readily accumulate on the human body and
test equipment, and discharge without detection. Unused devices must be stored in conduc-
tive foam or shunts, and the foam discharged to the destination socket before devices are
removed. For further information on ESD precaution, refer to Analog Devices’ ESD
Prevention Manual.
ABSOLUTE MAXIMUM RATINGS*
VL to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0 to 13.2 V
VS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to 13.2 V
–VL to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . –13.2 V to 0 V
–VS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . –13.2 V to 0 V
Digital Inputs to DGND . . . . . . . . . . . . . . . . . . . . –0.3 V to VL
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±0.3 V
Short Circuit Protection . . . . . . . . Indefinite Short to Ground
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300
°C, 10 sec
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PIN DESIGNATIONS
Pin
Function
Description
1–VS
Analog Negative Power Supply
2
DGND
Digital Ground
3VL
Logic Positive Power Supply
4
NC
No Connection
5
CLK
Clock Input
6
LE
Latch Enable Input
7
DATA
Serial Data Input
8–VL
Logic Negative Power Supply
9VOUT
Voltage Output
10
RF
Feedback Resistor
11
SJ
Summing Junction
12
AGND
Analog Ground
13
IOUT
Current Output
14
MSB ADJ
MSB Adjustment Terminal
15
TRIM
MSB Trimming Potentiometer Terminal
16
VS
Analog Positive Power Supply
ORDERING GUIDE
Temperature
Package
Model
Range
Option*
AD766JN
0
°C to +70°C
N-16
AD766AN
–40
°C to +85°C
N-16
AD766SD/883B –55
°C to +125°C
D-16
*N = Plastic DIP; D = Ceramic DIP.
CONNECTION DIAGRAM
AD766J
AD766A
Parameter
Min
Typ
Max
Min
Typ
Max
Units
TEMPERATURE RANGE
Specified
0
+70
–40
+85
°C
Storage
–60
+100
–60
+100
°C
NOTES
1For A grade only, voltage outputs are guaranteed only if +V
S ≥ 7 V and –VS ≤ –7 V.
2Specified using external op amp, see Figure 3 for more details.
3Tested at full-scale input.
4For A grade only, power supplies must be symmetric, i.e., V
S = |–VS| and +VL = |–VL|. Each supply must independently meet this equality within ± 5%.
All min and max specifications are guaranteed. Specifications in boldface are tested on all production units at final electrical test. Results from those tests are used to
calculate outgoing quality levels.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com