Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD768 Datasheet(PDF) 3 Page - Analog Devices

Part # AD768
Description  16-Bit, 30 MSPS D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD768 Datasheet(HTML) 3 Page - Analog Devices

  AD768 Datasheet HTML 1Page - Analog Devices AD768 Datasheet HTML 2Page - Analog Devices AD768 Datasheet HTML 3Page - Analog Devices AD768 Datasheet HTML 4Page - Analog Devices AD768 Datasheet HTML 5Page - Analog Devices AD768 Datasheet HTML 6Page - Analog Devices AD768 Datasheet HTML 7Page - Analog Devices AD768 Datasheet HTML 8Page - Analog Devices AD768 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Parameter
Min
Typ
Max
Units
POWER SUPPLY
Positive Voltage Range
4.75
5
5.25
V
Negative Voltage Range
–5.25
–5
–4.75
V
Positive Supply Current
30
40
mA
Negative Supply Current
63
73
mA
Nominal Power Dissipation
465
600
mW
Power Supply Rejection Ratio (PSRR)
–0.2
+0.2
% of FSR/V
OPERATING RANGE
–40
+85
°C
NOTES
1Measured at IOUTA, driving a virtual ground.
2Nominal FS output current is 4
× the current at IREFIN. Therefore, nominal FS current is 20 mA when IREFIN = 5 mA.
3Output current is defined as total current available for IREFIN and any external load.
4Reference bandwidth is a function of external cap at NR pin. Refer to compensation section of data sheet for details.
5Excludes internal reference drift.
6Includes internal reference drift.
7Measured as unbuffered voltage output (1 V range) with FS current into 50
Ω load at IOUTB.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
*
Parameter
with Respect to
Min
Max
Units
Positive Supply Voltage (VDD)
DCOM, REFCOM, LADCOM –0.5
+6.0
V
Negative Supply Voltage (VEE)
DCOM, REFCOM, LADCOM –6.0
+0.5
V
Analog-to-Other Grounds (REFCOM) DCOM, LADCOM
–0.5
+0.5
V
Digital-to-Other Grounds (DCOM)
LADCOM, REFCOM
–0.5
+0.5
V
Reference Output (REFOUT)
REFCOM
VDD + 0.5 V
Reference Input Current (IREFIN)
+7.5
mA
Digital Inputs (DB0–DB15, CLOCK)
DCOM
–0.5
VDD + 0.5 V
Analog Outputs (IOUTA, IOUTB)
LADCOM
–2.0
+5.0
V
Maximum Junction Temperature
+150
°C
Storage Temperature
–65
+150
°C
Lead Temperature
+300
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating for extended periods may affect device
reliability.
AD768
REV. B
ORDERING GUIDE
Package
Model
Package Description
Option
AD768AR
28-Pin 300 mil SOIC
R-28
AD768ACHIPS
Die
AD768-EB
AD768 Evaluation Board
–3–
tH
tS
tLPW
tPD
tST
0.025%
0.025%
DB0–DB15
CLOCK
IOUTA
OR
IOUTB
Timing Diagram
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD768 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com