Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAQW614HA Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KAQW614HA
Description  PRODUCT SPECIFICATION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQW614HA Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KAQW614HA Datasheet HTML 1Page - COSMO  Electronics Corporation KAQW614HA Datasheet HTML 2Page - COSMO  Electronics Corporation KAQW614HA Datasheet HTML 3Page - COSMO  Electronics Corporation KAQW614HA Datasheet HTML 4Page - COSMO  Electronics Corporation KAQW614HA Datasheet HTML 5Page - COSMO  Electronics Corporation KAQW614HA Datasheet HTML 6Page - COSMO  Electronics Corporation KAQW614HA Datasheet HTML 7Page - COSMO  Electronics Corporation KAQW614HA Datasheet HTML 8Page - COSMO  Electronics Corporation KAQW614HA Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PRODUCT SPECIFICATION
DATE:02/22/2011
NO.61M22004
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQW614HA
SHEET 2 OF 10
REV.
2
Absolute Maximum Ratings
(
Ta=25℃)
Emitter(Input)
Detector(Output)
Reverse Voltage ………………………………
5.0V Output Breakdown Voltage ………………
± 400V
Continuous Forward Current ……………...
50mA Continuous Load Current ………………
± 130mA
Peak Forward Current …………………………… 1A Power Dissipation …………………………
500mW
Power Dissipation …………………………
100mW
Derate Linearly from 25℃ ……………… 1.3mW/℃
General Characteristics
Isolation Test Voltage ………………
5000VACrms Storage Temperature Range …… -40℃ to +125℃
Operating Temperature Range …
-40℃ to +85℃
Isolation Resistance
Viso=500V,Ta=25℃ ……………………
≧
1010Ω Junction Temperature ………………………… 100℃
Total Power Dissipation …………………
550mW
Derate Linearly from 25℃ ……………… 2.5mW/℃
Soldering Temperature,
2mm from case,10 sec ……………………
260℃
Electro-optical Characteristics
(
Ta=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max. Unit
Emitter ( Input )
Forward Voltage
VF
IF=10mA
1.2
1.5
V
Operation Input Current
IFON ( N.O )
IFOFF ( N.C )
VL=±20V, IL=100mA ( N.O )
VL=±20V, IL≦5μA ( N.C )
t=10ms
5
mA
Recovery Input Current
IFOFF ( N.O )
IFON ( N.C )
VL=±20V, IL≦5μA ( N.O )
VL=±20V, IL=100mA ( N.C )
t=10ms
0.2
mA
Detector ( Output ) normally open
Output Breakdown Voltage
VB
IB=50μA
400
V
Output Off-State Leakage
ITOFF
VT=100V, IF=0mA
0.2
1
μA
I/O Capacitance
CISO
IF=0, f=1MHz
6
pF
ON Resistance
RON
IL=100mA, IF=10mA
20
30
Ω
Turn-On Time
TON
IF=10mA, VL=±20V
0.3
1.0
ms
Turn-Off Time
TOFF
t=10mS, IL=±100mA
0.7
1.5
ms
Detector ( Output ) normally close
Output Breakdown Voltage
VB
IB=50μA, IF=10mA
400
V
Output Off-State Leakage
ITOFF
VT=100V, IF=10mA
0.2
2
μA
I/O Capacitance
CISO
IF=0, f=1MHz
6
pF
ON Resistance
RON
IL=100mA, IF=0mA
25
50
Ω
Operate ( OFF ) Time
TOFF
IF=10mA, VL=±20V
0.6
1.5
ms
Reverse ( ON ) Time
TON
t=10ms, IL=±100mA
0.3
1.0
ms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com