Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7709 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7709
Description  16-Bit Sigma Delta ADC with Current Sources, Switchable Reference Inputs and I/O Port
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7709 Datasheet(HTML) 4 Page - Analog Devices

  AD7709 Datasheet HTML 1Page - Analog Devices AD7709 Datasheet HTML 2Page - Analog Devices AD7709 Datasheet HTML 3Page - Analog Devices AD7709 Datasheet HTML 4Page - Analog Devices AD7709 Datasheet HTML 5Page - Analog Devices AD7709 Datasheet HTML 6Page - Analog Devices AD7709 Datasheet HTML 7Page - Analog Devices AD7709 Datasheet HTML 8Page - Analog Devices AD7709 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AD7709
–4–
REV. PrA
January 2001
PRELIMINARY TECHNICAL DATA
PARAMETER
B Grade
Units
Test Conditions
Power Supply Currents
VDD Current (Normal Mode)
T B D
m A
VDD=3V
VDD Current (Normal Mode)
T B D
m A
VDD=5V
VDD Current (Idle Mode)
T B D
m A
VDD=3V
VDD Current (Idle Mode)
T B D
m A
VDD=5V
VDD Current (Power-Down Mode)
20
µA max.
VDD=3V, 32.768kHz Osc. Running
VDD Current (Power-Down Mode)
30
µA max.
VDD=5V, 32.768kHz Osc. Running
NOTES
1 TemperatureRange-40°Cto+85°C
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com