Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7705EB Datasheet(PDF) 11 Page - Analog Devices

Part # EVAL-AD7705EB
Description  3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7705EB Datasheet(HTML) 11 Page - Analog Devices

Back Button EVAL-AD7705EB Datasheet HTML 7Page - Analog Devices EVAL-AD7705EB Datasheet HTML 8Page - Analog Devices EVAL-AD7705EB Datasheet HTML 9Page - Analog Devices EVAL-AD7705EB Datasheet HTML 10Page - Analog Devices EVAL-AD7705EB Datasheet HTML 11Page - Analog Devices EVAL-AD7705EB Datasheet HTML 12Page - Analog Devices EVAL-AD7705EB Datasheet HTML 13Page - Analog Devices EVAL-AD7705EB Datasheet HTML 14Page - Analog Devices EVAL-AD7705EB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD7705/AD7706
–11–
REV. A
Table VI. Register Selection
RS2
RS1
RS0
Register
Register Size
0
0
0
Communications Register
8 Bits
0
0
1
Setup Register
8 Bits
0
1
0
Clock Register
8 Bits
0
1
1
Data Register
16 Bits
1
0
0
Test Register
8 Bits
1
0
1
No Operation
1
1
0
Offset Register
24 Bits
1
1
1
Gain Register
24 Bits
R/
W
Read/
Write Select. This bit selects whether the next operation is a read or write operation to the selected register.
A “0” indicates a write cycle for the next operation to the appropriate register, while a “1” indicates a read opera-
tion from the appropriate register.
STBY
Standby. Writing a “1” to this bit puts the part into its standby or power-down mode. In this mode, the part con-
sumes only 10
µA of power supply current. The part retains its calibration coefficients and control word informa-
tion when in STANDBY. Writing a “0” to this bit places the part in its normal operating mode.
CH1–CH0
Channel Select. These two bits select a channel for conversion or for access to the calibration coefficients as out-
lined in Table VII. Three pairs of calibration registers on the part are used to store the calibration coefficients
following a calibration on a channel. They are shown in Tables VII for the AD7705 and Table VIII for the AD7706
to indicate which channel combinations have independent calibration coefficients. With CH1 at Logic 1 and CH0
at a Logic 0, the part looks at the AIN1(–) input internally shorted to itself on the AD7705 or at COMMON
internally shorted to itself on the AD7706. This can be used as a test method to evaluate the noise performance of
the part with no external noise sources. In this mode, the AIN1(–)/COMMON input should be connected to
an external voltage within the allowable common-mode range for the part.
Table VII. Channel Selection for AD7705
CH1
CH0
AIN(+)
AIN(–)
Calibration Register Pair
0
0
AIN1(+)
AIN1(–)
Register Pair 0
0
1
AIN2(+)
AIN2(–)
Register Pair 1
1
0
AIN1(–)
AIN1(–)
Register Pair 0
1
1
AIN1(–)
AIN2(–)
Register Pair 2
Table VIII. Channel Selection for AD7706
CH1
CH0
AIN
Reference
Calibration Register Pair
0
0
AIN1
COMMON
Register Pair 0
0
1
AIN2
COMMON
Register Pair 1
1
0
COMMON
COMMON
Register Pair 0
1
1
AIN3
COMMON
Register Pair 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com