Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7713EB Datasheet(PDF) 21 Page - Analog Devices

Part # EVAL-AD7713EB
Description  LC2MOS Loop-Powered Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7713EB Datasheet(HTML) 21 Page - Analog Devices

Back Button EVAL-AD7713EB Datasheet HTML 17Page - Analog Devices EVAL-AD7713EB Datasheet HTML 18Page - Analog Devices EVAL-AD7713EB Datasheet HTML 19Page - Analog Devices EVAL-AD7713EB Datasheet HTML 20Page - Analog Devices EVAL-AD7713EB Datasheet HTML 21Page - Analog Devices EVAL-AD7713EB Datasheet HTML 22Page - Analog Devices EVAL-AD7713EB Datasheet HTML 23Page - Analog Devices EVAL-AD7713EB Datasheet HTML 24Page - Analog Devices EVAL-AD7713EB Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
2
–21–
REV. C
AD7713
SDATA (O)
SCLK (I)
3-STATE
RFS (I)
A0 (I)
t 22
MSB
LSB
DRDY (O)
t21
t20
t23
t26
t29
t28
t27
t25
t24
Figure 12a. External Clocking Mode, Output Data Read Operation
3-STATE
MSB
BIT N
BIT N+1
SDATA (O)
SCLK (I)
RFS (I)
A0 (I)
DRDY (O)
t22
t20
t31
t26
t24
t25
t27
t30
t24
t25
Figure 12b. External Clocking Mode, Output Data Read Operation (RFS Returns High During Read Operation)
RFS
, the next bit (BIT N + 1) may appear on the databus be-
fore RFS goes high. When RFS returns low again, it activates
the SDATA output. When the entire word is transmitted, the
DRDY
line will go high, turning off the SDATA output as per
Figure 12a.
Write Operation
Data can be written to either the control register or calibration
registers. In either case, the write operation is not affected by
the DRDY line, and the write operation does not have any effect
on the status of DRDY. A write operation to the control regis-
ter or the calibration register must always write 24 bits to the re-
spective register.
Figure 13a shows a write operation to the AD7713 with TFS
remaining low for the duration of the write operation. A0 deter-
mines whether a write operation transfers data to the control
register or to the calibration registers. This A0 signal must
remain valid for the duration of the serial write operation. As
before, the serial clock line should be low between read and
write operations. The serial data to be loaded to the AD7713
must be valid on the high level of the externally applied SCLK
signal. Data is clocked into the AD7713 on the high level of this
SCLK signal with the MSB transferred first. On the last active
high time of SCLK, the LSB is loaded to the AD7713.
Figure 13b shows a timing diagram for a write operation to the
AD7713 with TFS returning high during the write operation
and returning low again to write the rest of the data word. Tim-
ing parameters and functions are very similar to that outlined for
Figure 13a, but Figure 13b has a number of additional times to
show timing relationships when TFS returns high in the middle
of transferring a word.
SCLK (I)
SDATA (I)
TFS (I)
A0 (I)
MSB
LSB
t32
t33
t34
t26
t27
t36
t35
Figure 13a. External Clocking Mode, Control/Calibration Register Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com